Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13850 Arkusz danych(PDF) 10 Page - Freescale Semiconductor, Inc

Numer części MC13850
Szczegółowy opis  Low Noise Amplifier with Bypass Switch
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13850 Arkusz danych(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC13850 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13850 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13850 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13850 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13850 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13850 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13850 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13850 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13850 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Scattering and Noise Parameters
MC13850 Advance Information, Rev. 1
10
Freescale Semiconductor
2300
0.243
-106
3.781
86.9
0.091
51.6
0.472
-81.8
2350
0.235
-105.3
3.652
87.4
0.086
50.9
0.466
-82.3
2400
0.238
-101.6
3.473
86.3
0.081
51.9
0.472
-82.7
2450
0.253
-99.9
3.335
86
0.079
54.5
0.478
-86.3
2500
0.273
-101
3.158
86.8
0.077
56.8
0.455
-90.7
2550
0.294
-104.9
3.1
88.9
0.078
60
0.414
-91.5
2600
0.3
-110
3.146
89.2
0.082
61.3
0.391
-88.3
Table 6. Low IP3 Mode 85
°C Scattering Parameters
(Vcc = 2.7V, Enable 1 = High, Enable 2 = High, 50
Ω system)
f (MHz)
S11
S21
S12
S22
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
300
0.763
-17
12.148
163.4
0.02
67.8
0.851
0.9
350
0.75
-19.3
11.83
159.9
0.024
68.5
0.847
-2.9
400
0.737
-21.8
11.54
156.6
0.026
69.1
0.837
-5.9
450
0.723
-24.1
11.255
153.8
0.029
69.4
0.831
-8.8
500
0.691
-26.5
10.828
149.9
0.032
68.4
0.823
-9.1
550
0.674
-28.6
10.552
147.1
0.035
68.6
0.81
-11.5
600
0.662
-31.1
10.271
144.3
0.038
68
0.801
-13.5
650
0.643
-33.6
10.062
141.7
0.04
67.4
0.788
-15.8
700
0.625
-36
9.866
139.6
0.043
67.6
0.775
-17.5
750
0.604
-38.8
9.712
136.9
0.046
66.5
0.76
-20
800
0.581
-41.1
9.347
134.5
0.048
65.7
0.743
-21.8
850
0.569
-43.1
9.113
132.4
0.05
65
0.727
-23.7
900
0.535
-45.2
8.821
130.2
0.051
64.9
0.714
-24.9
950
0.519
-47.2
8.576
128.2
0.053
64.7
0.697
-26.4
1000
0.497
-48.9
8.33
126.1
0.055
64.5
0.683
-27.9
1050
0.48
-50.7
8.108
124.3
0.057
64.2
0.673
-29.7
1100
0.464
-52
7.873
122.4
0.058
64
0.66
-31.4
1150
0.449
-53.8
7.655
120.9
0.06
64.1
0.648
-32.9
Table 5. Low IP3 Mode 25 °C Scattering Parameters (continued)
(Vcc = 2.7V, Enable 1 = High, Enable 2 = High, 50
Ω System)
f (MHz)
S11
S21
S12
S22
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang


Podobny numer części - MC13850

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC13850 NXP-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
Rev. 1, 12/2010
MC13850EP NXP-MC13850EP Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
Rev. 1, 12/2010
More results

Podobny opis - MC13850

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_09 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
logo
Broadcom Corporation.
DEMO-MGA-785T6 BOARDCOM-DEMO-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13850 NXP-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
Rev. 1, 12/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com