Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28230CBZ Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL28230CBZ
Szczegółowy opis  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28230CBZ Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL28230CBZ Datasheet HTML 3Page - Intersil Corporation ISL28230CBZ Datasheet HTML 4Page - Intersil Corporation ISL28230CBZ Datasheet HTML 5Page - Intersil Corporation ISL28230CBZ Datasheet HTML 6Page - Intersil Corporation ISL28230CBZ Datasheet HTML 7Page - Intersil Corporation ISL28230CBZ Datasheet HTML 8Page - Intersil Corporation ISL28230CBZ Datasheet HTML 9Page - Intersil Corporation ISL28230CBZ Datasheet HTML 10Page - Intersil Corporation ISL28230CBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ISL28130, ISL28230, ISL28430
7
FN7623.1
December 16, 2010
n
Typical Performance Curves V+ = 5V, V- = 0V, V
CM = 2.5V, RL = Open, T = +25°C, unless otherwise
specified.
FIGURE 3. IB+ vs TEMPERATURE
FIGURE 4. IB- vs TEMPERATURE
FIGURE 5. SUPPLY CURRENT vs TEMPERATURE, Vs = ±0.825V
FIGURE 6. SUPPLY CURRENT vs TEMPERATURE, Vs = ±2.5V
FIGURE 7. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 8. FREQUENCY RESPONSE vs OPEN LOOP GAIN,
RL =10MΩ
TEMPERATURE (°C)
-100
0
100
200
300
400
-50
-25
0
25
50
75
100
125
VS = ±2.5V
VS = ±0.825V
TEMPERATURE (°C)
0
100
200
300
400
-50
-25
0
25
50
75
100
125
-100
VS = ±2.5V
VS = ±0.825V
TEMPERATURE (°C)
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
PER AMPLIFIER
TEMPERATURE (°C)
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
PER AMPLIFIER
16
17
18
19
20
21
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
VIN = 0V
RL = OPEN
-100
-50
0
50
100
150
200
FREQUENCY (Hz)
RL = 10M
SIMULATION
CL = 100pF
GAIN
PHASE
1
100
10k 100k 1M 10M
1k
10
100m
10m
1m
0.1m


Podobny numer części - ISL28230CBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28230CBZ INTERSIL-ISL28230CBZ Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28230CBZ INTERSIL-ISL28230CBZ Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Renesas Technology Corp
ISL28230CBZ RENESAS-ISL28230CBZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28230CBZ-T7 INTERSIL-ISL28230CBZ-T7 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28230CBZ-T7A INTERSIL-ISL28230CBZ-T7A Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

Podobny opis - ISL28230CBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com