Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL23415 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL23415
Szczegółowy opis  Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23415 Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL23415 Datasheet HTML 1Page - Intersil Corporation ISL23415 Datasheet HTML 2Page - Intersil Corporation ISL23415 Datasheet HTML 3Page - Intersil Corporation ISL23415 Datasheet HTML 4Page - Intersil Corporation ISL23415 Datasheet HTML 5Page - Intersil Corporation ISL23415 Datasheet HTML 6Page - Intersil Corporation ISL23415 Datasheet HTML 7Page - Intersil Corporation ISL23415 Datasheet HTML 8Page - Intersil Corporation ISL23415 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISL23415
3
FN7780.0
December 15, 2010
Ordering Information
PART NUMBER
(Note 5)
PART
MARKING
RESISTANCE
OPTION
(kΩ)
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL23415TFUZ (Notes 1, 3)
3415T
100
-40 to +125
10 Ld MSOP
M10.118
ISL23415UFUZ (Notes 1, 3)
3415U
50
-40 to +125
10 Ld MSOP
M10.118
ISL23415WFUZ (Notes 1, 3)
3415W
10
-40 to +125
10 Ld MSOP
M10.118
ISL23415TFRUZ-T7A (Notes 2, 4)
HE
100
-40 to +125
10 Ld µTQFN 2.1x1.6
L10.2.1x1.6A
ISL23415TFRUZ-TK (Notes 2, 4)
HE
100
-40 to +125
10 Ld µTQFN 2.1x1.6
L10.2.1x1.6A
ISL23415UFRUZ-T7A (Notes 2, 4)
HD
50
-40 to +125
10 Ld µTQFN 2.1x1.6
L10.2.1x1.6A
ISL23415UFRUZ-TK (Notes 2, 4)
HD
50
-40 to +125
10 Ld µTQFN 2.1x1.6
L10.2.1x1.6A
ISL23415WFRUZ-T7A (Notes 2, 4)
HC
10
-40 to +125
10 Ld µTQFN 2.1x1.6
L10.2.1x1.6A
ISL23415WFRUZ-TK (Notes 2, 4)
HC
10
-40 to +125
10 Ld µTQFN 2.1x1.6
L10.2.1x1.6A
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
5. For Moisture Sensitivity Level (MSL), please see device information page for ISL23415. For more information on MSL please see techbrief TB363.


Podobny numer części - ISL23415

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL23415 INTERSIL-ISL23415 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL23415 INTERSIL-ISL23415 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL23415 INTERSIL-ISL23415 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Podobny opis - ISL23415

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com