Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL23315WFUZ Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL23315WFUZ
Szczegółowy opis  Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315WFUZ Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL23315WFUZ Datasheet HTML 7Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 8Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 9Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 10Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 11Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 12Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 13Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 14Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ISL23315
11
FN7778.0
December 15, 2010
FIGURE 11. 10k WIPER RESISTANCE vs TAP POSITION, VCC = 5V
FIGURE 12. 50k WIPER RESISTANCE vs TAP POSITION, VCC = 5V
FIGURE 13. 10k TCv vs TAP POSITION
FIGURE 14. 50k TCv vs TAP POSITION
FIGURE 15. 10k TCr vs TAP POSITION
FIGURE 16. 50k TCr vs TAP POSITION
Typical Performance Curves (Continued)
0
10
20
30
40
50
60
70
0
50
100
150
200
250
TAP POSITION (DECIMAL)
+125°C
-40°C
+25°C
0
10
20
30
40
50
60
0
50
100
150
200
250
TAP POSITION (DECIMAL)
+125°C
-40°C
+25°C
0
50
100
150
200
250
300
15
65
115
165
215
TAP POSITION (DECIMAL)
0
10
20
30
40
50
60
70
15
65
115
165
215
TAP POSITION (DECIMAL)
0
100
200
300
400
500
600
15
65
115
165
215
TAP POSITION (DECIMAL)
0
50
100
150
200
15
65
115
165
215
TAP POSITION (DECIMAL)


Podobny numer części - ISL23315WFUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL23315WFUZ INTERSIL-ISL23315WFUZ Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23315WFUZ INTERSIL-ISL23315WFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315WFUZ RENESAS-ISL23315WFUZ Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Podobny opis - ISL23315WFUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com