Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL12022 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL12022
Szczegółowy opis  Real Time Clock with On Chip 짹5ppm Temp Compensation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022 Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL12022 Datasheet HTML 1Page - Intersil Corporation ISL12022 Datasheet HTML 2Page - Intersil Corporation ISL12022 Datasheet HTML 3Page - Intersil Corporation ISL12022 Datasheet HTML 4Page - Intersil Corporation ISL12022 Datasheet HTML 5Page - Intersil Corporation ISL12022 Datasheet HTML 6Page - Intersil Corporation ISL12022 Datasheet HTML 7Page - Intersil Corporation ISL12022 Datasheet HTML 8Page - Intersil Corporation ISL12022 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
FN6659.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
I2C Bus™ is a trademark owned by NXP Semiconductors Netherlands, B.V.
Copyright Intersil Americas Inc. 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL12022
Real Time Clock with On Chip ±5ppm Temp Compensation
Low Power RTC with Battery-Backed SRAM
and Embedded Temp Compensation ±
5ppm
with Auto Daylight Saving
The ISL12022 device is a low power real time clock with an
embedded Temp sensor for oscillator compensation,
clock/calendar, power fail, low battery monitor, brownout
indicator, single periodic or polled alarms, intelligent
battery-backup switching, Battery Reseal™ function and 128
bytes of battery-backed user SRAM.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
Daylight Savings time adjustment is done automatically,
using parameters entered by the user. Power fail and battery
monitors offer user-selectable trip levels. A time stamp
function records the time and date of switchover from VDD to
VBAT power, and also from VBAT to VDD power.
Pinout
ISL12022
(8 LD SOIC)
TOP VIEW
Features
• Real Time Clock/Calendar
- Tracks Time in Hours, Minutes and Seconds
- Day of the Week, Day, Month and Year
• On-chip Oscillator Compensation Over the Operating
Temp Range
- ±5ppm Over -40°C to +85°C
• 10-bit Digital Temperature Sensor Output
- ±2°C Accuracy
• Customer Programmable Day Light Saving Time
• 15 Selectable Frequency Outputs
• 1 Alarm
- Settable to the Second, Minute, Hour, Day of the Week,
Day, or Month
- Single Event or Pulse Interrupt Mode
• Battery Reseal™ Function to Extend Battery Shelf Life
• Automatic Backup to Battery or Super Capacitor
- Operation to VBAT = 1.8V
- 1.0µA Battery Supply Current
• Battery Status Monitor
- 2 User Programmable Levels
- Seven Selectable Voltages for Each Level
• Power Status Brownout Monitor
- Six Selectable Trip Levels, from 2.295V to 4.675V
• Oscillator Failure Detection
• Time Stamp for First VDD to VBAT, and Last VBAT to VDD
• 128 Bytes Battery-Backed User SRAM
•I2C Bus™
- 400kHz Clock Frequency
• 8 Ld SOIC Package
• Pb-Free (RoHS Compliant)
Applications
• Utility Meters
• POS Equipment
• Medical Devices
• Security Systems
• Vending Machines
• White Goods
• Printers and Copiers
VDD
IRQ/FOUT
SCL
SDA
X1
X2
VBAT
1
2
3
4
8
7
6
5
GND
Data Sheet
June 23, 2009


Podobny numer części - ISL12022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12022 INTERSIL-ISL12022 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12022 INTERSIL-ISL12022 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
ISL12022IBZ RENESAS-ISL12022IBZ Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results

Podobny opis - ISL12022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12021 INTERSIL-ISL12021 Datasheet
311Kb / 24P
   Real Time Clock with On Chip Temp Compensation 짹5ppm
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com