Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW245 Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części FW245
Szczegółowy opis  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW245 Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  FW245 Datasheet HTML 1Page - Sanyo Semicon Device FW245 Datasheet HTML 2Page - Sanyo Semicon Device FW245 Datasheet HTML 3Page - Sanyo Semicon Device FW245 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FW245
No.7133-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=10V, f=1MHz
550
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
170
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
90
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
9
ns
Rise Time
tr
See specified Test Circuit.
73
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
41
ns
Fall Time
tf
See specified Test Circuit.
54
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=7A
10
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=7A
1.5
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=7A
1.0
nC
Diode Forward Voltage
VSD
IS=7A, VGS=0
0.82
1.2
V
Switching Time Test Circuit
Electrical Connection
10
9
8
7
6
5
4
3
2
1
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ID -- VDS
VGS=2.5V
3.0V
0
10
9
8
7
6
5
4
3
2
1
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
4.0
ID -- VGS
VDS=10V
60
55
50
45
40
35
30
25
20
15
10
5
0
0
2
4
6
8
1012
14
1618
20
RDS(on) -- VGS
ID=7.0A
4.0A
0
RDS(on) -- Ta
60
50
40
30
20
10
--50
--25
0
25
50
75
100
125
150
IT00557
IT00558
IT04012
IT04013
Ta=25
°C
I D
=4.0A,
V GS
=4.5V
ID=7.0A,
VGS
=10.0V
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
PW=10
µs
D.C.
≤1%
10V
0V
VIN
P.G
50
G
S
ID=7A
RL=2.1Ω
VDD=15V
VOUT
VIN
D
FW245
D1
D1
D2
D2
Top view
S1
G1
S2
G2


Podobny numer części - FW245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
FW241 SANYO-FW241 Datasheet
30Kb / 4P
   Ultrahigh-Speed Swiching Applications
FW243 SANYO-FW243 Datasheet
42Kb / 4P
   DC/DC Converter Applications
FW248 SANYO-FW248 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
logo
Taoglas antenna solutio...
FW24NTYM TAOGLAS-FW24NTYM Datasheet
866Kb / 15P
   Meteor-2.4GHz Flexible Whip Monopole Antenna N Type(M) Straight
FW24SMAM TAOGLAS-FW24SMAM Datasheet
984Kb / 12P
   Meteor 2.4GHz Flexible Whip Monopole Antenna
More results

Podobny opis - FW245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com