Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM1106-GA Arkusz danych(PDF) 1 Page - Ramtron International Corporation

Numer części FM1106-GA
Szczegółowy opis  Nonvolatile 3V Dual State Saver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RAMTRON [Ramtron International Corporation]
Strona internetowa  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1106-GA Arkusz danych(HTML) 1 Page - Ramtron International Corporation

  FM1106-GA Datasheet HTML 1Page - Ramtron International Corporation FM1106-GA Datasheet HTML 2Page - Ramtron International Corporation FM1106-GA Datasheet HTML 3Page - Ramtron International Corporation FM1106-GA Datasheet HTML 4Page - Ramtron International Corporation FM1106-GA Datasheet HTML 5Page - Ramtron International Corporation FM1106-GA Datasheet HTML 6Page - Ramtron International Corporation FM1106-GA Datasheet HTML 7Page - Ramtron International Corporation FM1106-GA Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AEC Q100 Grade 1 Compliant
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
http://www.ramtron.com
Rev. 3.0
Apr. 2009
Page 1 of 8
FM1106
Nonvolatile 3V Dual State Saver
Features
Nonvolatile State Saver
Logic States Retained in Absence of Power
Outputs Automatically Restored at Power-up
Unlimited Number of State Changes
Max tPD 50ns at 2.7V
Max Frequency 900 kHz
Low Power Operation
Supply voltage of 2.7V to 3.6V
5
µA Standby Current (+85°C)
Industry Standard Configuration
Automotive Temperature -40
° C to +125° C
o
Qualified to AEC Q100 Specification
8-pin “Green”/RoHS SOIC Package
Overview
The FM1106 is an innovative FRAM-based device
that stores inputs like conventional logic and retains
the stored state in the absence of power. This product
solves three basic problems in an elegant fashion.
First, it provides continuous access to nonvolatile
system settings without performing a memory read
operation or using dedicated processor I/O pins.
Second, it allows the storage of signals that may
change frequently and possibly without notice. Third,
it allows the nonvolatile storage of a system setting
without the system overhead and extra pins of a serial
memory.
Functionally, the inputs are stored and passed to the
output on the rising edge of the clock CLK. This
unique product serves a variety of applications. Here
are a few applications:
! Control relays or valves with automatic setting
on power-up without processor intervention
! Interface to soft/momentary front-panel switch
and indicator lamp. Capture switch settings and
drive LEDs without processor intervention
! Replaces jumpers & control signal routing
! Initialize state of I/O card signals
! Eliminate the overhead of serial memory for
systems needing only a bit of data
Pin Configuration
VDD
Q0
D1
CLK
EN
D0
VSS
Q1
1
2
3
4
8
7
6
5
Pin Names
Function
DN
Data In
QN
Data Out
EN
Enable
CLK
Clock
VDD
Supply Voltage
VSS
Ground
Ordering Information
FM1106-GA
Dual State Saver,
8-pin “Green”/RoHS SOIC,
Automotive Grade 1
FM1106-GATR
Dual State Saver,
8-pin “Green”/RoHS SOIC,
Automotive Grade 1, Tape&Reel


Podobny numer części - FM1106-GA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
More results

Podobny opis - FM1106-GA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM1107 RAMTRON-FM1107 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1112 RAMTRON-FM1112 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1105 RAMTRON-FM1105_09 Datasheet
121Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314_05 Datasheet
188Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
Glenair, Inc.
891-016 GLENAIR-891-016 Datasheet
635Kb / 2P
   Dual Row Nano Connector Saver
logo
ARTSCHIP ELECTRONICS CO...
DS1314 ARTSCHIP-DS1314 Datasheet
294Kb / 10P
   3V Nonvolatile Controller with Lithium Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com