Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADCVREFP Arkusz danych(PDF) 11 Page - ATMEL Corporation

Numer części ADCVREFP
Szczegółowy opis  32-Bit AVR UC3 C Series Schematic Checklist
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCVREFP Arkusz danych(HTML) 11 Page - ATMEL Corporation

Back Button ADCVREFP Datasheet HTML 7Page - ATMEL Corporation ADCVREFP Datasheet HTML 8Page - ATMEL Corporation ADCVREFP Datasheet HTML 9Page - ATMEL Corporation ADCVREFP Datasheet HTML 10Page - ATMEL Corporation ADCVREFP Datasheet HTML 11Page - ATMEL Corporation ADCVREFP Datasheet HTML 12Page - ATMEL Corporation ADCVREFP Datasheet HTML 13Page - ATMEL Corporation ADCVREFP Datasheet HTML 14Page - ATMEL Corporation ADCVREFP Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AVR32768
11
32157A-AVR-12/10
Figure 7-4.
Differential external voltage reference.
Table 7-5.
ADC differential voltage inputs, internal reference not used.
Signal name
Recommended pin connection
Description
ADCVREFP
100nF decoupling capacitor
Used as decoupling for internal reference voltage
ADCVREFN
100nF decoupling capacitor
Used as decoupling for internal reference voltage


Podobny numer części - ADCVREFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADCV0831 NSC-ADCV0831 Datasheet
180Kb / 9P
   8 Bit Serial I/O Low Voltage Low Power ADC with Auto Shutdown in a SOT Package
ADCV0831M6 NSC-ADCV0831M6 Datasheet
180Kb / 9P
   8 Bit Serial I/O Low Voltage Low Power ADC with Auto Shutdown in a SOT Package
ADCV0831M6X NSC-ADCV0831M6X Datasheet
180Kb / 9P
   8 Bit Serial I/O Low Voltage Low Power ADC with Auto Shutdown in a SOT Package
ADCV08832 NSC-ADCV08832 Datasheet
259Kb / 14P
   Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
logo
Texas Instruments
ADCV08832 TI1-ADCV08832 Datasheet
304Kb / 16P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converter
More results

Podobny opis - ADCVREFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
AT32UC3B0512 ATMEL-AT32UC3B0512 Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
AT32AP7002 ATMEL-AT32AP7002_09 Datasheet
863Kb / 52P
   AVR 32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_09 Datasheet
1Mb / 98P
   AVR 32 32-Bit Microcontroller
AVR32AP ATMEL-AVR32AP Datasheet
1Mb / 181P
   32-bit AVR Microcontroller
ATEVK1110A ATMEL-ATEVK1110A Datasheet
252Kb / 17P
   AVR32817: Getting Started with the 32-bit AVR UC3 Software Framework lwIP TCP/IP Stack
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
ASF-3.33 ATMEL-ASF-3.33 Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
AVR32795 ATMEL-AVR32795 Datasheet
228Kb / 22P
   Using the GNU Linker Scripts on AVR UC3 Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com