Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1135M Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LA1135M
Szczegółowy opis  AM Tuner System for Car Radios and Home Stereos
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1135M Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

Back Button LA1135M Datasheet HTML 2Page - Sanyo Semicon Device LA1135M Datasheet HTML 3Page - Sanyo Semicon Device LA1135M Datasheet HTML 4Page - Sanyo Semicon Device LA1135M Datasheet HTML 5Page - Sanyo Semicon Device LA1135M Datasheet HTML 6Page - Sanyo Semicon Device LA1135M Datasheet HTML 7Page - Sanyo Semicon Device LA1135M Datasheet HTML 8Page - Sanyo Semicon Device LA1135M Datasheet HTML 9Page - Sanyo Semicon Device LA1135M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Proper cares in using IC
1.
Bias condition: RF VCC % IF VCC
2.
Avoid coupling between the antenna tuning circuit and the local oscillation.
3.
Connect detection capacitor C15 across pins 13 (output) and 14 (VCC) so that no leakage of the IF signal to the GND line
occurs. (If connected to GND, the tweet and the usable sensitivity may get worse.) Radiation from C15 may cause harmonics
in the IF signal to return to the RF stage, thereby leading to more tweet interference. So, connect C15 as close to pins 13, 14
as possible. Consider the direction of the capacitor and separate it from the ANT circuit.
4.
For R9, use a semifixed resistor with VSM considered.
5.
When designing the coils, consider the following conditions.
Shown below is the input level at each pin at which the detection output at fm = 400 Hz 30% mod becomes –25 dB.
ANT
MIX
IF
Det
16.0
28.0
45.0
61.0
(dBµ)
How to apply input to each stage
6.
ANT damping
To make the ANT damping constant within the receiving band, change the application circuit as shown below.
Measures
Replace R1 with CD.
CD (2000 pF to 3000 pF or thereabouts)
Relocate L2.
Damping (600 kHz to 1400 kHz)
Old circuit –15 dB
New circuit –4 dB
ANT stage
MIX stage
ANT input
IF stage
Det stage
Unit (resistance:
Ω, capacitance: F)
Old circuit
New circuit
Double tuning
Double tuning
LA1135, 1135M
No. 1272-6/18


Podobny numer części - LA1135M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
LA1136 SANYO-LA1136 Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1136NM SANYO-LA1136NM Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1137 SANYO-LA1137 Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
More results

Podobny opis - LA1135M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
   AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
Sanyo Semicon Device
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
   AM Tuner for Car Radio
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com