Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103MA0 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części Z0103MA0
Szczegółowy opis  4Q Triac Direct interfacing to logic level ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103MA0 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  Z0103MA0 Datasheet HTML 1Page - NXP Semiconductors Z0103MA0 Datasheet HTML 2Page - NXP Semiconductors Z0103MA0 Datasheet HTML 3Page - NXP Semiconductors Z0103MA0 Datasheet HTML 4Page - NXP Semiconductors Z0103MA0 Datasheet HTML 5Page - NXP Semiconductors Z0103MA0 Datasheet HTML 6Page - NXP Semiconductors Z0103MA0 Datasheet HTML 7Page - NXP Semiconductors Z0103MA0 Datasheet HTML 8Page - NXP Semiconductors Z0103MA0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Z0103MA0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2011
3 of 13
NXP Semiconductors
Z0103MA0
4Q Triac
Fig 1.
RMS on-state current as a function of surge
duration; maximum values
Fig 2.
RMS on-state current as a function of lead
temperature; maximum values
Fig 3.
Total power dissipation as a function of RMS on-state current; maximum values
003aac263
0
4
8
12
16
10
-2
10
-1
1
10
surge duration (s)
IT(RMS)
(A)
003aac264
0
0.4
0.8
1.2
−50
0
50
100
150
Tlead (
°C)
IT(RMS)
(A)
003aac259
0.0
0.4
0.8
1.2
1.6
2.0
0
0.2
0.4
0.6
0.8
1
1.2
IT(RMS) (A)
Ptot
(W)
α= 180°
120
°
90
°
60
°
30
°
conduction
angle
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
α


Podobny numer części - Z0103MA0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
Z0103MA0 WEEN-Z0103MA0 Datasheet
381Kb / 13P
   4Q Triac
More results

Podobny opis - Z0103MA0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com