Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103MA0 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części Z0103MA0
Szczegółowy opis  4Q Triac Direct interfacing to logic level ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103MA0 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button Z0103MA0 Datasheet HTML 3Page - NXP Semiconductors Z0103MA0 Datasheet HTML 4Page - NXP Semiconductors Z0103MA0 Datasheet HTML 5Page - NXP Semiconductors Z0103MA0 Datasheet HTML 6Page - NXP Semiconductors Z0103MA0 Datasheet HTML 7Page - NXP Semiconductors Z0103MA0 Datasheet HTML 8Page - NXP Semiconductors Z0103MA0 Datasheet HTML 9Page - NXP Semiconductors Z0103MA0 Datasheet HTML 10Page - NXP Semiconductors Z0103MA0 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Z0103MA0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2011
7 of 13
NXP Semiconductors
Z0103MA0
4Q Triac
(1) T2- G+
(2) T2- G-
(3) T2+ G-
(4) T2+ G+
Fig 7.
Normalized gate trigger current as a function of
junction temperature
Fig 8.
Normalized latching current as a function of
junction temperature
Vo = 1.254 V
Rs = 0.31 Ω
(1) Tj = 125 °C; typical values
(2) Tj = 125 °C; maximum values
(3) Tj = 25 °C; maximum values
Fig 9.
On-state current as a function of on-state
voltage
Fig 10. Normalized gate trigger voltage as a function of
junction temperature
Tj (°C)
−50
150
100
050
003aaa205
2
1
3
4
0
IGT(25°C)
IGT
(1)
(2)
(3)
(4)
Tj (°C)
−50
150
100
050
003aaa203
1
2
3
0
IL
IL(25°C)
003aac258
0
0.4
0.8
1.2
1.6
2
0
0.4
0.8
1.2
1.6
2
VT (V)
IT
(A)
(1)
(2)
(3)
Tj (°C)
−50
150
100
050
003aaa209
0.8
0.4
1.2
1.6
0
VGT(25°C)
VGT


Podobny numer części - Z0103MA0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
Z0103MA0 WEEN-Z0103MA0 Datasheet
381Kb / 13P
   4Q Triac
More results

Podobny opis - Z0103MA0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com