Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103MA0 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części Z0103MA0
Szczegółowy opis  4Q Triac Direct interfacing to logic level ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103MA0 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  Z0103MA0 Datasheet HTML 1Page - NXP Semiconductors Z0103MA0 Datasheet HTML 2Page - NXP Semiconductors Z0103MA0 Datasheet HTML 3Page - NXP Semiconductors Z0103MA0 Datasheet HTML 4Page - NXP Semiconductors Z0103MA0 Datasheet HTML 5Page - NXP Semiconductors Z0103MA0 Datasheet HTML 6Page - NXP Semiconductors Z0103MA0 Datasheet HTML 7Page - NXP Semiconductors Z0103MA0 Datasheet HTML 8Page - NXP Semiconductors Z0103MA0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
Planar passivated sensitive gate four quadrant triac in a SOT54 (TO-92) plastic package
intended for use in applications requiring enhanced noise immunity and direct interfacing
to logic ICs and low power gate drivers.
1.2 Features and benefits
Direct interfacing to logic level ICs
Enhanced current surge capability
Enhanced noise immunity
High blocking voltage capability
Sensitive gate triggering in all four
quadrants
1.3 Applications
General purpose low power motor
control
Home appliances
Industrial process control
Low power AC Fan controllers
1.4 Quick reference data
Z0103MA0
4Q Triac
Rev. 01 — 3 January 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak off-state
voltage
--600
V
ITSM
non-repetitive peak
on-state current
full sine wave; Tj(init) =25°C;
tp = 20 ms; see Figure 4;
see Figure 5
--12.5
A
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 38 °C;
see Figure 3; see Figure 1;
see Figure 2
--1
A
Static characteristics
IGT
gate trigger current
VD =12V; IT = 0.1 A; T2+ G+;
Tj = 25 °C; see Figure 7
0.2
-
3
mA
VD =12V; IT = 0.1 A; T2+ G-;
Tj = 25 °C; see Figure 7
0.2
-
3
mA
VD =12V; IT = 0.1 A; T2- G-;
Tj = 25 °C; see Figure 7
0.2
-
3
mA
VD =12V; IT = 0.1 A; T2- G+;
Tj = 25 °C; see Figure 7
0.2
-
5
mA


Podobny numer części - Z0103MA0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
Z0103MA0 WEEN-Z0103MA0 Datasheet
381Kb / 13P
   4Q Triac
More results

Podobny opis - Z0103MA0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com