Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103MA0116 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części Z0103MA0116
Szczegółowy opis  4Q Triac Direct interfacing to logic level ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103MA0116 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button Z0103MA0116 Datasheet HTML 2Page - NXP Semiconductors Z0103MA0116 Datasheet HTML 3Page - NXP Semiconductors Z0103MA0116 Datasheet HTML 4Page - NXP Semiconductors Z0103MA0116 Datasheet HTML 5Page - NXP Semiconductors Z0103MA0116 Datasheet HTML 6Page - NXP Semiconductors Z0103MA0116 Datasheet HTML 7Page - NXP Semiconductors Z0103MA0116 Datasheet HTML 8Page - NXP Semiconductors Z0103MA0116 Datasheet HTML 9Page - NXP Semiconductors Z0103MA0116 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Z0103MA0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2011
6 of 13
NXP Semiconductors
Z0103MA0
4Q Triac
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IGT
gate trigger current
VD =12V; IT = 0.1 A; T2+ G+; Tj =25°C;
see Figure 7
0.2
-
3
mA
VD =12V; IT = 0.1 A; T2+ G-; Tj =25°C;
see Figure 7
0.2
-
3
mA
VD =12V; IT = 0.1 A; T2- G-; Tj =25°C;
see Figure 7
0.2
-
3
mA
VD =12V; IT = 0.1 A; T2- G+; Tj =25°C;
see Figure 7
0.2
-
5
mA
IL
latching current
VD =12V; IG = 0.1 A; T2+ G+;
Tj = 25 °C; see Figure 8
--7
mA
VD =12V; IG = 0.1 A; T2+ G-; Tj =25°C;
see Figure 8
--20
mA
VD =12V; IG = 0.1 A; T2- G-; Tj =25°C;
see Figure 8
--7
mA
VD =12V; IG = 0.1 A; T2- G+; Tj =25°C;
see Figure 8
--7
mA
IH
holding current
VD =12V; Tj =25°C; see Figure 12
--7
mA
VT
on-state voltage
IT =1A; Tj =25°C; see Figure 9
-1.3
1.6
V
VGT
gate trigger voltage
VD =12V; IT = 0.1 A; Tj =25°C;
see Figure 10
--1.3
V
VD = 600 V; IT =0.1 A; Tj = 125 °C
0.2
-
-
V
ID
off-state current
VD = 600 V; Tj = 125 °C
--0.5
mA
Dynamic characteristics
dVD/dt
rate of rise of off-state
voltage
VDM =402 V; Tj = 110 °C; gate open
circuit; exponential waveform;
see Figure 11
80
--V/µs
dVcom/dt
rate of change of
commutating voltage
VD = 400 V; Tj =110 °C;
dIcom/dt = 0.44 A/ms; gate open circuit
0.5
--V/µs


Podobny numer części - Z0103MA0116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
Z0103MA0 WEEN-Z0103MA0 Datasheet
381Kb / 13P
   4Q Triac
More results

Podobny opis - Z0103MA0116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com