Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0107MN0 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części Z0107MN0
Szczegółowy opis  4Q Triac General purpose low power motor control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0107MN0 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  Z0107MN0 Datasheet HTML 1Page - NXP Semiconductors Z0107MN0 Datasheet HTML 2Page - NXP Semiconductors Z0107MN0 Datasheet HTML 3Page - NXP Semiconductors Z0107MN0 Datasheet HTML 4Page - NXP Semiconductors Z0107MN0 Datasheet HTML 5Page - NXP Semiconductors Z0107MN0 Datasheet HTML 6Page - NXP Semiconductors Z0107MN0 Datasheet HTML 7Page - NXP Semiconductors Z0107MN0 Datasheet HTML 8Page - NXP Semiconductors Z0107MN0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Z0107MN0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2011
4 of 16
NXP Semiconductors
Z0107MN0
4Q Triac
Fig 3.
Total power dissipation as a function of RMS on-state current; maximum values
Fig 4.
Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values
003aac259
0.0
0.4
0.8
1.2
1.6
2.0
0
0.2
0.4
0.6
0.8
1
1.2
IT(RMS) (A)
Ptot
(W)
α= 180°
120
°
90
°
60
°
30
°
conduction
angle
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
α
003aaf449
8
4
12
16
ITSM
(A)
0
number of cycles
1
103
102
10
ITSM
t
IT
Tj(init) = 25 °C max
1/f


Podobny numer części - Z0107MN0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
Z0107MN0 WEEN-Z0107MN0 Datasheet
323Kb / 14P
   4Q Triac
More results

Podobny opis - Z0107MN0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
MAC97A8 WEEN-MAC97A8 Datasheet
577Kb / 12P
   4Q Triac
Z0107MN0 WEEN-Z0107MN0 Datasheet
323Kb / 14P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com