Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0107MN0135 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części Z0107MN0135
Szczegółowy opis  4Q Triac General purpose low power motor control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0107MN0135 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  Z0107MN0135 Datasheet HTML 1Page - NXP Semiconductors Z0107MN0135 Datasheet HTML 2Page - NXP Semiconductors Z0107MN0135 Datasheet HTML 3Page - NXP Semiconductors Z0107MN0135 Datasheet HTML 4Page - NXP Semiconductors Z0107MN0135 Datasheet HTML 5Page - NXP Semiconductors Z0107MN0135 Datasheet HTML 6Page - NXP Semiconductors Z0107MN0135 Datasheet HTML 7Page - NXP Semiconductors Z0107MN0135 Datasheet HTML 8Page - NXP Semiconductors Z0107MN0135 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
Product profile
1.1 General description
Planar passivated sensitive gate four quadrant triac in a SOT223 (SC-73)
surface-mountable plastic package intended for applications requiring enhanced immunity
to noise and direct interfacing to logic level ICs and low power gate drivers.
1.2 Features and benefits
Direct interfacing to logic level ICs
Enhanced current surge capability
Enhanced noise immunity
High blocking voltage capability
Sensitive gate triggering in all four
quadrants
Surface-mountable package
1.3 Applications
General purpose low power motor
control
Home appliances
Industrial process control
Low power AC Fan controllers
1.4 Quick reference data
Z0107MN0
4Q Triac
Rev. 01 — 3 January 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak
off-state voltage
--600
V
ITSM
non-repetitive peak
on-state current
full sine wave; Tj(init) =25°C;
tp = 20 ms; see Figure 4;
see Figure 5
--12.5 A
IT(RMS)
RMS on-state current
full sine wave; Tsp ≤ 103 °C;
see Figure 3; see Figure 1;
see Figure 2
--1
A


Podobny numer części - Z0107MN0135

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
Z0107MN0 WEEN-Z0107MN0 Datasheet
323Kb / 14P
   4Q Triac
More results

Podobny opis - Z0107MN0135

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
MAC97A8 WEEN-MAC97A8 Datasheet
577Kb / 12P
   4Q Triac
Z0107MN0 WEEN-Z0107MN0 Datasheet
323Kb / 14P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com