Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1145M Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LA1145M
Szczegółowy opis  FM IF System (Quadrature Detector) for Car Radio
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1145M Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

Back Button LA1145M Datasheet HTML 2Page - Sanyo Semicon Device LA1145M Datasheet HTML 3Page - Sanyo Semicon Device LA1145M Datasheet HTML 4Page - Sanyo Semicon Device LA1145M Datasheet HTML 5Page - Sanyo Semicon Device LA1145M Datasheet HTML 6Page - Sanyo Semicon Device LA1145M Datasheet HTML 7Page - Sanyo Semicon Device LA1145M Datasheet HTML 8Page - Sanyo Semicon Device LA1145M Datasheet HTML 9Page - Sanyo Semicon Device LA1145M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LA1145 Pin Description and Typical Voltages
Pin No.
Typical Voltage (V)
Description
Remarks
1
2.6
IF input
2
2.6
IF amp bias
3
0.0
IF amp GND
4
4.0
Mute start control
5
0.2
Mute gradient control
6
2.1
Mute attenuation control
7
4.9
AF output
8
5.0
AFC output
9
4.8
IF output
10
4.8
Quadrature detection input
11
4.8
Voltage regulator output
12
8.0
VCC
13
0.1
IF count output, control
14
0.0
GND for detection circuit
15
4.8
Mute driver
16
0.2
S-meter output
17
0.2
SD sensitivity control
18
0.1
SD output
Open collector
LA1145M Pin Description and Typical Voltages
Pin No.
Typical Voltage (V)
Description
Remarks
1–
NC
2
2.6
IF input
3
2.6
IF amp bias
4
0.0
IF amp GND
5
4.0
Mute start control
6
0.2
Mute gradient control
7
2.1
Mute attenuation control
8
4.9
AF output
9
5.0
AFC output
10
4.8
IF output
11
4.8
Quadrature detection input
12
4.8
Voltage regulator output
13
8.0
VCC
14
0.1
IF count output, control
15
0.0
GND for detection circuit
16
4.8
Mute driver
17
0.2
S-meter output
18
0.2
SD sensitivity control
19
0.1
SD output
Open collector
20
NC
LA1145, 1145M
No. 2725-6/17


Podobny numer części - LA1145M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
LA1140 SANYO-LA1140 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
logo
ON Semiconductor
LA1140-E ONSEMI-LA1140-E Datasheet
151Kb / 3P
   3Q2013 Product Discontinuance Notice
Rev. 20-Nov-2012
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
More results

Podobny opis - LA1145M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
1145M SANYO-1145M Datasheet
477Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
NTE Electronics
NTE1541 NTE-NTE1541 Datasheet
70Kb / 2P
   Integrated Circuit FM IF Amp & Detector for Car Radio
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
logo
Samsung semiconductor
KA2245 SAMSUNG-KA2245 Datasheet
76Kb / 3P
   FM IF SYSTEM FOR CAR RADIOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com