Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1193V Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LA1193V
Szczegółowy opis  High-Performance FM Front End for Car Radios
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1193V Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

Back Button LA1193V Datasheet HTML 3Page - Sanyo Semicon Device LA1193V Datasheet HTML 4Page - Sanyo Semicon Device LA1193V Datasheet HTML 5Page - Sanyo Semicon Device LA1193V Datasheet HTML 6Page - Sanyo Semicon Device LA1193V Datasheet HTML 7Page - Sanyo Semicon Device LA1193V Datasheet HTML 8Page - Sanyo Semicon Device LA1193V Datasheet HTML 9Page - Sanyo Semicon Device LA1193V Datasheet HTML 10Page - Sanyo Semicon Device LA1193V Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Continued from preceding page.
No. 4715-7/21
LA1193M, 1193V
Pin No.
Function
Equivalent circuit
Note
13
14
15
18
19
16
17
20
N-AGC input
IF AMP bypass
IF AMP input
IF AMP output
IF AMP gain adjust
RF AGC output
IF, AGC, VCC
Keyed AGC input
Since the DC cut capacitor is provided on-chip in the
pin internal circuit, we have taken steps to prevent
incorrect AGC operation due to inter-pin leakage
currents.
IF gain: 25 dB
Input and output impedances of 330
The IF gain can be adjusted by inserting a resistor
between pins 17 and 19.
The gain is at its maximum when there is no resistor
inserted.
MOSFET
Second gate control
Controls the narrow AGC.


Podobny numer części - LA1193V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1193V SANYO-LA1193V Datasheet
1Mb / 22P
   High-Performance FM Front End
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
   High-Performance FM Front End
More results

Podobny opis - LA1193V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN7216 PANASONIC-AN7216 Datasheet
128Kb / 4P
   FM Front End Circuit for Radios
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
logo
NXP Semiconductors
TEA6810V PHILIPS-TEA6810V Datasheet
194Kb / 24P
   Front-end and PLL synthesizers for car radios
1996 Jun 18
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
   High-Performance FM Front End
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
AN7280S PANASONIC-AN7280S Datasheet
81Kb / 7P
   FM Front-end IC for Car Radio
logo
Sanyo Semicon Device
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
   High-Performance FM Front End
logo
TEMIC Semiconductors
U4062B TEMIC-U4062B Datasheet
219Kb / 21P
   HF Front End for Car Radios and HiFi Receivers
logo
Sanyo Semicon Device
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com