Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1225M Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LA1225M
Szczegółowy opis  FM IF Detector IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1225M Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

  LA1225M Datasheet HTML 1Page - Sanyo Semicon Device LA1225M Datasheet HTML 2Page - Sanyo Semicon Device LA1225M Datasheet HTML 3Page - Sanyo Semicon Device LA1225M Datasheet HTML 4Page - Sanyo Semicon Device LA1225M Datasheet HTML 5Page - Sanyo Semicon Device LA1225M Datasheet HTML 6Page - Sanyo Semicon Device LA1225M Datasheet HTML 7Page - Sanyo Semicon Device LA1225M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
No. 6017-6/8
LA1225M
–80
–100
–60
–40
–20
0
020
40
60
80
100
120
140
1
0
2
3
4
5
0.5
0
1
1.5
2
2.5
020
40
60
80
100
120
140
–25
–30
–20
–15
–10
–5
0
02
4
6
8
10
60
50
70
80
90
100
02
4
6
8
10
1
0
2
3
4
5
02
14
36
58
9
710
10
15
5
0
20
25
30
35
40
45
50
01
2
34
56
789
10
100
60
80
120
140
160
180
200
220
012
3
45
67
8
9
10
I/O Characteristics
Signal
Noise
AM out
VCC=3.0V
fC=10.7MHz
fm=1kHz, 75kHzdev
I/O Characteristics
VSM
THD
VO — VCC
Supply voltage, VCC — V
Input — dB
µ
Input — dB
µ
VIN=100dBµ
fC=10.7MHz
fm=1kHz, 75kHzdev
VIN=100dBµ
fC=10.7MHz
fm=1kHz, 75kHzdev
VIN=100dBµ
fC=10.7MHz
fm=1kHz, 75kHzdev
S/N — VCC
Supply voltage, VCC — V
THD — VCC
Supply voltage, VCC — V
Supply voltage, VCC — V
Supply voltage, VCC — V
Supply voltage, VCC — V
VIFBuff — VCC
SDON — VCC
VCC=3.0V
fC=10.7MHz
fm=1kHz, 75kHzdev
20
30
10
0
40
50
60
70
80
90
100
01
2
3
4
5
6
789
10
–3dBLS, QS — VCC
VIN=100dBµ
fC=10.7MHz
fm=1kHz, 75kHzdev
fC = 10.7 MHz
unmodulated
VIN=100dBµ
fC = 10.7 MHz
unmodulated
QS
LS


Podobny numer części - LA1225M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M Datasheet
472Kb / 8P
   FM IF Detector IC
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
logo
ON Semiconductor
LA1225MC ONSEMI-LA1225MC Datasheet
365Kb / 8P
   FM IF Detector IC
May, 2013
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
More results

Podobny opis - LA1225M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
logo
ON Semiconductor
LA1225MC ONSEMI-LA1225MC Datasheet
365Kb / 8P
   FM IF Detector IC
May, 2013
logo
Sanyo Semicon Device
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
Toshiba Semiconductor
TA31136F TOSHIBA-TA31136F Datasheet
712Kb / 16P
   FM IF DETECTOR IC FOR CORDLESS TELEPHONE
logo
Panasonic Semiconductor
AN5215 PANASONIC-AN5215 Datasheet
155Kb / 2P
   TV Sound-IF Amplifier, FM Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
TK14551V TOKO-TK14551V Datasheet
334Kb / 32P
   FM IF DETECTOR/AMPLIFIER
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
   FM IF IC
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com