Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1816M Arkusz danych(PDF) 9 Page - Sanyo Semicon Device

Numer części LA1816M
Szczegółowy opis  Single-Chip AM/FM, MPX Tuner System for Headphone Stereos, Radio-Cassette Recorders
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1816M Arkusz danych(HTML) 9 Page - Sanyo Semicon Device

Back Button LA1816M Datasheet HTML 3Page - Sanyo Semicon Device LA1816M Datasheet HTML 4Page - Sanyo Semicon Device LA1816M Datasheet HTML 5Page - Sanyo Semicon Device LA1816M Datasheet HTML 6Page - Sanyo Semicon Device LA1816M Datasheet HTML 7Page - Sanyo Semicon Device LA1816M Datasheet HTML 8Page - Sanyo Semicon Device LA1816M Datasheet HTML 9Page - Sanyo Semicon Device LA1816M Datasheet HTML 10Page - Sanyo Semicon Device LA1816M Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FM VCC Characteristics
fOSC (local)
fF (free-running)
Qs (usable sensitivity)
–3 dB L.S. (–3 dB limiting sensitivity)
Supply voltage, VCC –V
AM VCC Characteristics
Detection output (VIN = 100 dB/m)
Usable sensitivity (input at S/N = 20 dB)
Max.
sensitivity (input at output 10mV)
Supply voltage, VCC –V
FM Temperature Characteristics
Ambient temperature, Ta – °C
SW2 Characteristics (1)
IEC input – dBµ
SW2 Characteristics (2)
Adjust
so that
THD is
minimized.
IEC input – dBµ
SW2 Characteristic
Pin 19 voltage
Receiving frequency,f–MHz
LA1816, 1816M
No.2659-9/11


Podobny numer części - LA1816M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1810 SANYO-LA1810 Datasheet
590Kb / 13P
   AM/FM/MPX Tuner System for Radio-Cassette Recorders, Music Centers
logo
LIGITEK electronics co....
LA181W-G-PF LIGITEK-LA181W-G-PF Datasheet
112Kb / 6P
   LED ARRAY
LA181W-SEG-PF LIGITEK-LA181W-SEG-PF Datasheet
124Kb / 7P
   LED ARRAY
More results

Podobny opis - LA1816M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1810 SANYO-LA1810 Datasheet
590Kb / 13P
   AM/FM/MPX Tuner System for Radio-Cassette Recorders, Music Centers
LA1806 SANYO-LA1806 Datasheet
61Kb / 4P
   AM/FM-IF/MPX Tuner System for Radio-Cassette Recorders, Music Centers
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Sanyo Semicon Device
LA1805 SANYO-LA1805 Datasheet
1,006Kb / 13P
   AM/FM-IF/MPX Tuner System for Radio-Casette Recorders, Music Centers
logo
Panasonic Semiconductor
AN7224 PANASONIC-AN7224 Datasheet
284Kb / 5P
   AM Tuner, FM-AM IF Amplifier CircuIt for RadIo Cassette Recorders
AN7024 PANASONIC-AN7024 Datasheet
430Kb / 7P
   AM Tuner, FM-IF MPX IC for Radio, Radio Cassette Recorder
logo
Sanyo Semicon Device
LA1260 SANYO-LA1260 Datasheet
924Kb / 14P
   FM/AM Tuner System for Radio-Casette Recorders, Music Centers
LA3335M SANYO-LA3335M Datasheet
107Kb / 6P
   PLL FM Multiplex Demodulator for 3 V Headphone Stereos and Radio-cassette Recorders
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Samsung semiconductor
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com