Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA40-600BRG Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części BTA40-600BRG
Szczegółowy opis  40 A standard TRIACs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA40-600BRG Arkusz danych(HTML) 8 Page - STMicroelectronics

  BTA40-600BRG Datasheet HTML 1Page - STMicroelectronics BTA40-600BRG Datasheet HTML 2Page - STMicroelectronics BTA40-600BRG Datasheet HTML 3Page - STMicroelectronics BTA40-600BRG Datasheet HTML 4Page - STMicroelectronics BTA40-600BRG Datasheet HTML 5Page - STMicroelectronics BTA40-600BRG Datasheet HTML 6Page - STMicroelectronics BTA40-600BRG Datasheet HTML 7Page - STMicroelectronics BTA40-600BRG Datasheet HTML 8Page - STMicroelectronics BTA40-600BRG Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
BTA40, BTA41, BTB41
8/9
Doc ID 7469 Rev 8
4
Ordering information
5
Revision history
Table 8.
Ordering information
Order code(1)
1.
xxx = voltage
Marking
Package
Weight
Base qty Delivery mode
BTA40-xxxB
BTA40xxxB
RD91
20 g
25
Bulk
BTA41-xxxBRG
BTA41xxxB
TOP3 Ins.
4.5 g
30
Tube
BTB41-xxxBRG
BTB41xxxB
TOP3
4.5 g
30
Tube
Table 9.
Document revision history
Date
Revision
Changes
Sep-2003
5
Last update.
25-Mar-2005
6
TOP3 delivery mode changed from bulk to tube.
14-Oct-2005
7
Tc values for IT changed in Table 3. ECOPACK
statement added.
10-Aug-2009
8
Updated Table 2 to correctly place packages. Updated
Figure 2. Table 5 changed to correctly place TOP3.
Updated ECOPACK statement.


Podobny numer części - BTA40-600BRG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BTA40-600BRG STMICROELECTRONICS-BTA40-600BRG Datasheet
85Kb / 7P
   40A TRIACs
BTA40-600BRG STMICROELECTRONICS-BTA40-600BRG Datasheet
95Kb / 7P
   40A TRIACS
More results

Podobny opis - BTA40-600BRG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
   40 A high voltage Triacs
June 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com