Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M4T28-BR12SH1 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części M4T28-BR12SH1
Szczegółowy opis  TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4T28-BR12SH1 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button M4T28-BR12SH1 Datasheet HTML 3Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 4Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 5Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 6Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 7Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 8Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 9Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 10Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
M4T28-BR12SH, M4T32-BR12SH
DC and AC parameters
7/16
3
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC characteristic
tables are derived from tests performed under the measurement conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Table 3.
Operating and AC measurement conditions
Parameter
M4T28-BR12SH
M4T32-BR12SH
Unit
Nominal battery voltage (VCC)2.8
2.8
V
Nominal battery capacity
48
120
mAh
Battery chemistry
Li(CF)
Li(CF)
Crystal load capacitance (CL)
12.5
12.5
pF
Nominal crystal frequency
32.768
32.768
kHz
Crystal accuracy (at 25°C)
± 35
± 35
ppm


Podobny numer części - M4T28-BR12SH1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
346Kb / 41P
   Serial real-time clock with 44 bytes NVRAM and reset
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
250Kb / 28P
   3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
358Kb / 41P
   Serial real-time clock with 44 bytes NVRAM and reset
More results

Podobny opis - M4T28-BR12SH1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH_09 Datasheet
234Kb / 16P
   ZEROPOWER짰 SNAPHAT짰 (battery)
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
135Kb / 16P
   TIMEKEEPER SNAPHAT (battery and crystal)
logo
Texas Instruments
BQ48SH-28X6 TI-BQ48SH-28X6 Datasheet
96Kb / 6P
[Old version datasheet]   SNAPHAT WITH INTEGRATED BATTERY AND CRYSTAL
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
M4TXX-BR12SH STMICROELECTRONICS-M4TXX-BR12SH Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_03 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
   5.0 or 3.3 V TIMEKEEPER짰 supervisor
M48T35AV STMICROELECTRONICS-M48T35AV_07 Datasheet
250Kb / 28P
   3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
M48T08 STMICROELECTRONICS-M48T08_07 Datasheet
259Kb / 30P
   5V, 64Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com