Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M4Z32-BR00SH Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części M4Z32-BR00SH
Szczegółowy opis  ZEROPOWER짰 SNAPHAT짰 (battery)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4Z32-BR00SH Arkusz danych(HTML) 5 Page - STMicroelectronics

  M4Z32-BR00SH Datasheet HTML 1Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 2Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 3Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 4Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 5Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 6Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 7Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 8Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
M4Z28-BR00SH, M4Z32-BR00SH
Description
5/16
1
Description
The M4Zxx-BR00SH SNAPHAT® top is a detachable lithium power source for ST’s non-
volatile ZEROPOWER® surface-mount SOIC (MH) package (28-pin).
The SNAPHAT top contains a lithium battery and is designed to be “snapped on” after the
SOIC is surface mounted on the PC board. The two-piece solution prevents the battery from
being exposed to the high temperatures of the surface mount process.
Figure 1.
Logic diagram
Table 1.
Signal names
VBAT–
Negative voltage
VBAT+
Positive voltage
AI02525
SNAPHAT
VBAT–
VBAT+


Podobny numer części - M4Z32-BR00SH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
49Kb / 7P
   ZEROPOWER SNAPHAT Battery
November 1999
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
More results

Podobny opis - M4Z32-BR00SH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_08 Datasheet
139Kb / 16P
   TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
M48Z08 STMICROELECTRONICS-M48Z08_05 Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_10 Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35AV STMICROELECTRONICS-M48Z35AV Datasheet
223Kb / 24P
   5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER짰 SRAM
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
   5 V, 64 Kbit (8 Kb x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_11 Datasheet
343Kb / 22P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_10 Datasheet
335Kb / 21P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com