Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M4T28-BR12SH6 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części M4T28-BR12SH6
Szczegółowy opis  TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4T28-BR12SH6 Arkusz danych(HTML) 3 Page - STMicroelectronics

  M4T28-BR12SH6 Datasheet HTML 1Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 2Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 3Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 4Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 5Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 6Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 7Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 8Page - STMicroelectronics M4T28-BR12SH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
M4T28-BR12SH, M4T32-BR12SH
List of tables
3/16
List of tables
Table 1.
Signal names . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Table 2.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Table 3.
Operating and AC measurement conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 4.
SH – 4-pin SNAPHAT® housing for 48 mAh battery & crystal, package mechanical data 11
Table 5.
SH – 4-pin SNAPHAT® housing for 120 mAh battery & crystal,
package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 6.
Ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 7.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


Podobny numer części - M4T28-BR12SH6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4T28-BR12SH6 STMICROELECTRONICS-M4T28-BR12SH6 Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH6 STMICROELECTRONICS-M4T28-BR12SH6 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M4T28-BR12SH6 STMICROELECTRONICS-M4T28-BR12SH6 Datasheet
135Kb / 16P
   TIMEKEEPER SNAPHAT (battery and crystal)
M4T28-BR12SH6TR STMICROELECTRONICS-M4T28-BR12SH6TR Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M4T28-BR12SH6TR STMICROELECTRONICS-M4T28-BR12SH6TR Datasheet
135Kb / 16P
   TIMEKEEPER SNAPHAT (battery and crystal)
More results

Podobny opis - M4T28-BR12SH6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH_09 Datasheet
234Kb / 16P
   ZEROPOWER짰 SNAPHAT짰 (battery)
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
135Kb / 16P
   TIMEKEEPER SNAPHAT (battery and crystal)
logo
Texas Instruments
BQ48SH-28X6 TI-BQ48SH-28X6 Datasheet
96Kb / 6P
[Old version datasheet]   SNAPHAT WITH INTEGRATED BATTERY AND CRYSTAL
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
M4TXX-BR12SH STMICROELECTRONICS-M4TXX-BR12SH Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_03 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
   5.0 or 3.3 V TIMEKEEPER짰 supervisor
M48T35AV STMICROELECTRONICS-M48T35AV_07 Datasheet
250Kb / 28P
   3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
M48T08 STMICROELECTRONICS-M48T08_07 Datasheet
259Kb / 30P
   5V, 64Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com