Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1086-12-220M Arkusz danych(PDF) 2 Page - Seme LAB

Numer części LM1086-12-220M
Szczegółowy opis  LOW DROPOUT 1.5 AMP POSITIVE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM1086-12-220M Arkusz danych(HTML) 2 Page - Seme LAB

  LM1086-12-220M Datasheet HTML 1Page - Seme LAB LM1086-12-220M Datasheet HTML 2Page - Seme LAB LM1086-12-220M Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Prelim. 5/95
LAB
SEME
LM1086–220M–05
LM1086–05–220M
LM1086–12–220M
MILITARY VERSION
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VO
Output Voltage
VREF
Reference Voltage
REG(LINE)
Line Regulation
REG(LOAD)
Load Regulation
See notes 1,2
VD
Dropout Voltage
See note 3
Output
Parameter
Voltage Test Conditions
Min.
Typ. Max.
Unit
VIN = 6.5 to 20V
IO = 0 to 1.5A
TJ = –55 to 150°C
VIN = 13.5V to 25V
IO = 0 to 1.5A
TJ = –55 to 150°C
VIN – VOUT = 1.5 to 15V
IO = 10mA to 1.5A
TJ = –55 to 150°C
VIN = 6.5 to 20V
IO = 0
TJ = –55 to 150°C
VIN = 13.5 to 25V
IO = 0
TJ = –55 to 150°C
VIN – VOUT = 1.5 to 15V
ILOAD = 10mA
TJ = –55 to 150°C
VIN = 8V
IO = 0 to 1.5A
TJ = –55 to 150°C
VIN = 15V
IO = 0 to 1.5A
TJ = –55 to 150°C
VIN – VOUT = 3V
IO = 10mA to 1.5A
TJ = –55 to 150°C
DVOUT = 50mV
IOUT = 1.5A
TJ = –55 to 150°C
DVOUT = 120mV
IOUT = 1.5A
TJ = –55 to 150°C
DVREF = 1%
IOUT = 1.5A
TJ = –55 to 150°C
4.90
5
5.10
11.76
12
12.24
1.225
1.25
1.270
0.5
10
110
125
225
0.015
0.2
0.035
0.2
520
10
35
12
36
24
72
0.1
0.3
0.2
0.4
1.3
1.5
1.3
1.5
1.3
1.5
5
12
ADJ.
5
12
ADJ.
5
12
ADJ.
5
12
ADJ.
ELECTRICAL CHARACTERISTICS
(TJ = 25°C unless otherwise stated)
V
mV
%
mV
%
V
DESCRIPTION
The LM1086 is designed to provide 1.5A with higher efficiency than currently available devices. All internal circuitry is
designed to operate down to 1V input to output differential and the dropout voltage is fully specified as a function of load
current. Dropout is guaranteed at a maximum of 1.5V at maximum output current, decreasing at lower load currents.
On-chip trimming adjusts the reference output voltage to 1%. Current limit is also trimmed, minimising the stress on both
the regulator and power source circuitry under overload conditions.
The LM1086 is pin compatible with older 3 terminal adjustable regulators. A 10
m F output capacitor is required on these
new devices; however, this is usually included in most regulator designs.
Unlike PNP regulators, where up to 10% of the output current is wasted as quiescent current, the LM1086 quiescent
current flows into the load, increasing efficiency.


Podobny numer części - LM1086-12-220M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM1086-ADJMDC TI1-LM1086-ADJMDC Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
LM1086-ADJMDC TI1-LM1086-ADJMDC Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results

Podobny opis - LM1086-12-220M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
OM7671ST ETC-OM7671ST Datasheet
433Kb / 3P
   1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR
logo
Anaren Microwave
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
   RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Seme LAB
LM1085-220M SEME-LAB-LM1085-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
LM1083HN SEME-LAB-LM1083HN Datasheet
35Kb / 2P
   7.5 AMP LOW DROPOUT POSITIVE
LM1084HN SEME-LAB-LM1084HN Datasheet
36Kb / 2P
   5 AMP LOW DROPOUT POSITIVE
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com