Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FP-1B10 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części FP-1B10
Szczegółowy opis  MicroGripper - 0.8mm to 0.5mm Lead Pitch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FP-1B10 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  FP-1B10 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP-1B10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FP-1B30
FP-1B10
MicroGripper - 0.8mm to 0.5mm Lead Pitch
FEATURES
Used to monitor signal on SMT
packages up to 0.5mm lead
pitch with a logic analyzer or
oscilloscope
Three adjacent SMT leads
(max.) for testing
Board under test must be
inactive when connecting clips
Maximum frequency is
100MHz
SPECIFICATIONS
Temperature Range:
0-70°C
Conductor Resistance:
(FP-1B10) 160 mOhms
Conductor Resistance:
(FP-1B30) 170 mOhms
Contact Resistance:
10 mOhms
Tines Diameter:
0.15mm
Body Height:
15mm
Body Material:
ABS
Voltage Usage:
+/-40V
Rating:
500 WVDC
Bandwidth:
(3db) >100MHz
Inductance:
< 1mH @ 1KHz
Capacitance:
< 2.0pF @ 1KHz
Material:
Steel wire or stainless steel,
nickel-plated
DIMENSIONS


Podobny numer części - FP-1B10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
   FUJITSU THERMAL PRINTER
logo
Finisar Corporation.
FP-1310-10LRM-LCA FINISAR-FP-1310-10LRM-LCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
FP-1310-10LRM-SCA FINISAR-FP-1310-10LRM-SCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
FP-1310-4I-LCC FINISAR-FP-1310-4I-LCC Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
More results

Podobny opis - FP-1B10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FP-2S-2 ETC2-FP-2S-2 Datasheet
59Kb / 1P
   MicroGripper - 0.5mm to 0.2mm Lead Pitch
FP-2B-2 ETC2-FP-2B-2 Datasheet
83Kb / 2P
   MicroGripper - 1.25mm to 0.3mm Lead Pitch
FP-LA1C-10 ETC2-FP-LA1C-10 Datasheet
40Kb / 2P
   MicroGripper - 1.25mm to 0.3mm Lead Pitch
logo
Aries Electronics, Inc.
64-304121-00 ARIES-64-304121-00 Datasheet
466Kb / 1P
   64-Pin 0.5mm TQFP-to-0.8mm QFP Adapter
logo
Renesas Technology Corp
M3T-64LCC-QSD RENESAS-M3T-64LCC-QSD Datasheet
119Kb / 1P
   Converter for Connecting 64-pin 0.8mm-pitch LCC to 64-pin 0.5mm-pitch LQFP
M3T-80LCC-QSD RENESAS-M3T-80LCC-QSD Datasheet
150Kb / 1P
   Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.5mm-pitch QFP
logo
National Semiconductor ...
MKT-SLD20A NSC-MKT-SLD20A Datasheet
49Kb / 1P
   THIN CSP, PLASTIC, LAMINATED, 3.5 X 3.5 X 0.8mm BODY, 20L, 0.5mm PITCH
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
logo
SUYIN USA, INC.
500002FB SUYIN-USA-500002FB Datasheet
132Kb / 1P
   0.5mm PITCH BOARD TO BOARD CONNECTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com