Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2904L Arkusz danych(PDF) 1 Page - Seme LAB

Numer części 2N2904L
Szczegółowy opis  Bipolar PNP Device in a Hermetically sealed TO5
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2904L Arkusz danych(HTML) 1 Page - Seme LAB

  2N2904L Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N2904L
Bipolar PNP Device.
V
CEO =
40V
I
C = 0.6A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
40
V
I
C(CONT)
0.6
A
h
FE
@ 10/0.15 (V
CE / IC)
40
120
-
f
t
200M
Hz
P
D
0.6
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
20-Aug-02
Bipolar PNP Device in a
Hermetically sealed TO5
Metal Package.
Semelab plc.
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
38.00
(1.5)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO5 (TO205AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Podobny numer części - 2N2904L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N2904 SEME-LAB-2N2904 Datasheet
18Kb / 2P
   GENERAL PURPOSE PNP TRANSISTOR
logo
Central Semiconductor C...
2N2904 CENTRAL-2N2904 Datasheet
328Kb / 3P
   PNP SILICON TRANSISTORS
logo
Semicoa Semiconductor
2N2904 SEMICOA-2N2904 Datasheet
29Kb / 1P
   Chip Type 2C2904A Geometry 0600 Polarity PNP
logo
Siemens Semiconductor G...
2N2904 SIEMENS-2N2904 Datasheet
173Kb / 7P
   PNP SILICON PLANAR TRANSISTORS
logo
Microsemi Corporation
2N2904 MICROSEMI-2N2904 Datasheet
57Kb / 2P
   PNP SWITCHING SILICON TRANSISTOR
More results

Podobny opis - 2N2904L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N5782L SEME-LAB-2N5782L Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
BCY32A SEME-LAB-BCY32A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
BCY40A SEME-LAB-BCY40A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
2N2905AL SEME-LAB-2N2905AL Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
2N5781XL SEME-LAB-2N5781XL Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
CV9790L SEME-LAB-CV9790L Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
2N1131L SEME-LAB-2N1131L Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
BCY38A SEME-LAB-BCY38A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
2N2905L SEME-LAB-2N2905L Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
BCY34AL SEME-LAB-BCY34AL Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com