Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT750 Arkusz danych(PDF) 1 Page - Zetex Semiconductors

Numer części BAT750
Szczegółowy opis  SOT23 Schottky barrier diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZETEX [Zetex Semiconductors]
Strona internetowa  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BAT750 Arkusz danych(HTML) 1 Page - Zetex Semiconductors

  BAT750 Datasheet HTML 1Page - Zetex Semiconductors BAT750 Datasheet HTML 2Page - Zetex Semiconductors BAT750 Datasheet HTML 3Page - Zetex Semiconductors BAT750 Datasheet HTML 4Page - Zetex Semiconductors BAT750 Datasheet HTML 5Page - Zetex Semiconductors BAT750 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Issue 2 - May 2008
1
www.zetex.com
© Zetex Semiconductors plc 2008
BAT750
SOT23 Schottky barrier diode
Summary
VR = 40V
IF = 750mA
VF < 490mV @ 750mA
Description
A high current Schottky barrier diode in a small outline surface mount
package for applications where space is limited.
Features
•Low VF
High current capability
SOT23 package
Applications
DC-DC converters
Mobile telecoms
•PCMIA
Ordering information
Device marking
1G1
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
BAT750TA
7
8
3000
C
A
C
N/C
A
Top view


Podobny numer części - BAT750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BAT750 DIODES-BAT750 Datasheet
62Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 4 - 2
BAT750 DIODES-BAT750 Datasheet
391Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 10 - 2
logo
Galaxy Semi-Conductor H...
BAT750 BILIN-BAT750 Datasheet
185Kb / 3P
   Schottky barrier diode
logo
Diodes Incorporated
BAT750 DIODES-BAT750 Datasheet
133Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
May 2008
logo
Pan Jit International I...
BAT750 PANJIT-BAT750 Datasheet
108Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Podobny opis - BAT750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
ZC2800 DIODES-ZC2800 Datasheet
585Kb / 3P
   SOT23 SCHOTTKY BARRIER DIODES
ZC2811ETA DIODES-ZC2811ETA Datasheet
106Kb / 3P
   SOT23 SCHOTTKY BARRIER DIODES
ZC2800ETA DIODES-ZC2800ETA Datasheet
106Kb / 3P
   SOT23 SCHOTTKY BARRIER DIODES
ZHCS1000 DIODES-ZHCS1000 Datasheet
174Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
ZHCS506 DIODES-ZHCS506 Datasheet
112Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS750 DIODES-ZHCS750 Datasheet
177Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
Fairchild Semiconductor
ZHCS1006TA FAIRCHILD-ZHCS1006TA Datasheet
177Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
logo
Diodes Incorporated
ZHCS756 DIODES-ZHCS756 Datasheet
173Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
BAT54SRS DIODES-BAT54SRS_15 Datasheet
113Kb / 2P
   SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
BAT54TA DIODES-BAT54TA Datasheet
113Kb / 2P
   SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com