Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT750TA Arkusz danych(PDF) 2 Page - Zetex Semiconductors

Numer części BAT750TA
Szczegółowy opis  SOT23 Schottky barrier diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZETEX [Zetex Semiconductors]
Strona internetowa  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BAT750TA Arkusz danych(HTML) 2 Page - Zetex Semiconductors

  BAT750TA Datasheet HTML 1Page - Zetex Semiconductors BAT750TA Datasheet HTML 2Page - Zetex Semiconductors BAT750TA Datasheet HTML 3Page - Zetex Semiconductors BAT750TA Datasheet HTML 4Page - Zetex Semiconductors BAT750TA Datasheet HTML 5Page - Zetex Semiconductors BAT750TA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BAT750
Issue 2 - May 2008
2
www.zetex.com
© Zetex Semiconductors plc 2008
Absolute maximum ratings
Electrical characteristics (@ Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Limit
Unit
Collector reverse voltage
VR
40
V
RMS reverse voltage
VR(RMS)
28
V
Forward current (continuous)
IF
750
mA
Forward voltage @ IF = 750mA
VF
490
mV
Average peak forward current; DC = 50%
IFAV
1500
mA
Non repetitive forward current
t 100 S
t 8.3ms
IFSM
12
5.5
A
Power dissipation @ Tamb = 25°C
Ptot
350
mW
Typical thermal resistance, junction to ambient air
R JA
286
°C/W
Storage temperature range
Tstg
-55 to +150
°C
Junction temperature
Tj
125
°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse breakdown
voltage
V(BR)R
40
60
V
IR = 300 A
Forward voltage
VF
225
280
mV
IF = 50mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width = 300
duty cycle
2%.
235
310
mV
IF = 100mA(*)
290
350
mV
IF = 250mA(*)
340
420
mV
IF = 500mA(*)
390
490
mV
IF = 750mA(*)
440
540
mV
IF = 1000mA(*)
530
650
mV
IF = 1500mA(*)
Reverse current
IR
50
100
AVR = 30V
Diode capacitance
CD
25
-
pF
VR = 25V, f = 1.0MHz
Reverse recovery time
trr
5-
ns
IF = IR = 100mA,
Irr = 10mA


Podobny numer części - BAT750TA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BAT750 DIODES-BAT750 Datasheet
62Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 4 - 2
BAT750 DIODES-BAT750 Datasheet
391Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 10 - 2
logo
Galaxy Semi-Conductor H...
BAT750 BILIN-BAT750 Datasheet
185Kb / 3P
   Schottky barrier diode
logo
Diodes Incorporated
BAT750 DIODES-BAT750 Datasheet
133Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
May 2008
logo
Pan Jit International I...
BAT750 PANJIT-BAT750 Datasheet
108Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Podobny opis - BAT750TA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
ZC2800 DIODES-ZC2800 Datasheet
585Kb / 3P
   SOT23 SCHOTTKY BARRIER DIODES
ZC2811ETA DIODES-ZC2811ETA Datasheet
106Kb / 3P
   SOT23 SCHOTTKY BARRIER DIODES
ZC2800ETA DIODES-ZC2800ETA Datasheet
106Kb / 3P
   SOT23 SCHOTTKY BARRIER DIODES
ZHCS1000 DIODES-ZHCS1000 Datasheet
174Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
ZHCS506 DIODES-ZHCS506 Datasheet
112Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS750 DIODES-ZHCS750 Datasheet
177Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
Fairchild Semiconductor
ZHCS1006TA FAIRCHILD-ZHCS1006TA Datasheet
177Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
logo
Diodes Incorporated
ZHCS756 DIODES-ZHCS756 Datasheet
173Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
BAT54SRS DIODES-BAT54SRS_15 Datasheet
113Kb / 2P
   SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
BAT54TA DIODES-BAT54TA Datasheet
113Kb / 2P
   SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com