Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11817 Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LB11817
Szczegółowy opis  Three-Phase Full-Wave Linear Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11817 Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LB11817 Datasheet HTML 1Page - Sanyo Semicon Device LB11817 Datasheet HTML 2Page - Sanyo Semicon Device LB11817 Datasheet HTML 3Page - Sanyo Semicon Device LB11817 Datasheet HTML 4Page - Sanyo Semicon Device LB11817 Datasheet HTML 5Page - Sanyo Semicon Device LB11817 Datasheet HTML 6Page - Sanyo Semicon Device LB11817 Datasheet HTML 7Page - Sanyo Semicon Device LB11817 Datasheet HTML 8Page - Sanyo Semicon Device LB11817 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
No. 6213-2/10
LB11817
Electrical Characteristics at Ta = 25°C, VCC = 5 V
Note: * Items shown to be design target values are not measured.
Parameter
Symbol
Conditions
Ratings
Unit
Note
min
typ
max
Current drain
ICCO
S/S = 5 V (standby mode)
10
µA
ICC
S/S = 0 V (normal operation)
17
25
mA
SL bias current
ISL
VSL = 0 V
10
µA
SL low-level input voltage
VSLL
0
1.0
V
SL high-level input voltage
VSLH
3.5
VCC
V
S/S bias current
IS/S
150
230
µA
S/S low voltage
VS/SL
0
0.8
V
S/S high voltage
VS/SH
3.5
VCC
V
Hall amplifier input bias current
IH
10
µA
Common-mode input voltage range
Vh
1.5
VCC – 1.0
V
Differential input voltage range
Vdif
50
200
mVp-p
Hall bias output voltage
VHB
IH = 5 mA
0.5
0.8
1.1
V
Hall bias leakage current
IHBL
S/S = 5 V
±10
µA
Output saturation voltage
Vsat
IO = 0.5 A sink+source
0.45
0.67
V
Output leakage current
IOL
1.0
mA
Current limiter
Vlim
0.27
0.3
0.33
V
Control amplifier voltage gain
GC
–9
–7
–5
dB
Voltage gain inter-phase difference
∆GC
±1
dB
V/I conversion source current
I+
91419
µA
V/I conversion sink current
I
–9
–14
–19
µA
V/I conversion current ratio
I+/I
0.8
1.0
1.2
DSC buffer input current
IDSC
1.0
µA
FG amplifier voltage gain
GFG
48
dB
*
FG offset amplifier input
VFG0
±10
mV
*
FG amplifier internal reference voltage
VFGB
2.2
2.5
2.8
V
FG Schmitt hysteresis
∆Vsh
50
mV
*
Speed discriminator counts
N
1041.5
Discriminator operating frequency
FD
1.1
MHz
*
Oscillator frequency range
FOSC
1.1
MHz
*
Index output low-level voltage
VIDL
IO = 2 mA
0.4
V
Index output leakage current
IIDL
±10
µA
Index amplifier common-mode
VID
1.0
VCC – 1.0
V
input voltage range
Index input hysteresis
∆VID
25
mV
Boost voltage
VP
Ip = –5 mA
1.39
1.55
1.71
V
Thermal protection circuit
TSD
150
180
°C
*
operating temperature
Hysteresis
∆TSD
40
°C
*


Podobny numer części - LB11817

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
LB11815AG-15-AA3 UTC-LB11815AG-15-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TA3 UTC-LB11815AG-15-TA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TN3 UTC-LB11815AG-15-TN3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TQ2 UTC-LB11815AG-15-TQ2 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-18-AA3 UTC-LB11815AG-18-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
More results

Podobny opis - LB11817

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
PT-30DFX ETC1-PT-30DFX Datasheet
88Kb / 1P
   Single- Phase Full-Wave Linear Drive
logo
Sensitron
S6A305HE SENSITRON-S6A305HE Datasheet
44Kb / 2P
   THREE PHASE FULL WAVE
logo
Toshiba Semiconductor
TB67B054FTG TOSHIBA-TB67B054FTG Datasheet
460Kb / 27P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2017-10-31
TC78B041FNG TOSHIBA-TC78B041FNG Datasheet
664Kb / 44P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2019-4-12
TC78B002FTG TOSHIBA-TC78B002FTG Datasheet
765Kb / 27P
   Single-phase full-wave drive
logo
Sensitron
SL30340S7 SENSITRON-SL30340S7 Datasheet
282Kb / 4P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
SL30380 SENSITRON-SL30380 Datasheet
282Kb / 4P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424CA SENSITRON-S424CA Datasheet
48Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S10A310FR SENSITRON-S10A310FR Datasheet
264Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S10A340FR SENSITRON-S10A340FR Datasheet
264Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com