Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11824M Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LB11824M
Szczegółowy opis  Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11824M Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LB11824M Datasheet HTML 4Page - Sanyo Semicon Device LB11824M Datasheet HTML 5Page - Sanyo Semicon Device LB11824M Datasheet HTML 6Page - Sanyo Semicon Device LB11824M Datasheet HTML 7Page - Sanyo Semicon Device LB11824M Datasheet HTML 8Page - Sanyo Semicon Device LB11824M Datasheet HTML 9Page - Sanyo Semicon Device LB11824M Datasheet HTML 10Page - Sanyo Semicon Device LB11824M Datasheet HTML 11Page - Sanyo Semicon Device LB11824M Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
No. 7107-8/17
LB11824M
Continued from preceding page.
Pin No.
Symbol
Pin Description
Equivalent circuit
Pin to set the PWM oscillation frequency.
Connect a capacitor between this pin and GND.
21
PWM
VCC2
2k
200
21
Control voltage input pin. For control with this pin, set the
PWMIN pin to the L level.
22
VCTL
VCC2
40k
22
34k
2.26V
Pin to set the operation time of motor lock protection circuit
and to set the initial reset pulse.
Connect a capacitor between this pin and GND. When the
protection circuit is not to be used, connect a capacitor and
resistor (150kW, 4700pF) in parallel between this pin and
GND.
23
CSD
VREG
300
23
Start/stop control pin. Start with L and stop with H or in the
open condition
24
S/S
VREG
50k
3.5k
24
PWM pulse input pin. Output drive with L and output OFF
with H or in the open condition. For control with this pin,
apply the voltage of VCTL2 voltage or more to the VCTL
pin.
25
PWM
IN
VREG
50k
3.5k
25
Continued on next page.


Podobny numer części - LB11824M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11820 SANYO-LB11820 Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LB11825M SANYO-LB11825M Datasheet
250Kb / 8P
   LB11825M
More results

Podobny opis - LB11824M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com