Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11824 Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LB11824
Szczegółowy opis  Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11824 Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

Back Button LB11824 Datasheet HTML 2Page - Sanyo Semicon Device LB11824 Datasheet HTML 3Page - Sanyo Semicon Device LB11824 Datasheet HTML 4Page - Sanyo Semicon Device LB11824 Datasheet HTML 5Page - Sanyo Semicon Device LB11824 Datasheet HTML 6Page - Sanyo Semicon Device LB11824 Datasheet HTML 7Page - Sanyo Semicon Device LB11824 Datasheet HTML 8Page - Sanyo Semicon Device LB11824 Datasheet HTML 9Page - Sanyo Semicon Device LB11824 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
No. 7107-6/17
LB11824M
Pin Assignment
GND
N2
HP
F/R
PWMIN
LB11824M
S/S
RF
WH
WL
VH
UH
CSD
VCTL
PWM
UL
VCC1
IN1+
IN1–
VL
N1
9
8
7
6
5
4
3
2
1
10
11
12
13
14
15
27
26
28
24
23
25
21
29
22
30
19
18
20
16
17
IN2+
IN2–
IN3+
IN3–
VREG
TOC
12REG VCC3
LVS
VCC2
Pin Description
Pin No.
Symbol
Pin Description
Equivalent circuit
Output current detection
Connect a resistor(Rf) between this pin and ground.
Set with the maximum output current IOUT = 0.5/Rf.
1
RF
VREG
5k
1
Output pin (external TR drive output)
Duty control made on UH, VH, and WH sides.
2
4
6
3
5
7
WH
VH
UH
WL
VL
UL
VCC1
2
4
6
3
5
7
Power supply (output and Hall input blocks). Normally used
with the 12 V power supply. Connect to VCC2 and VREG
for application with the 5 V single power supply. Connect a
capacitor between this pin and GND for stabilization.
8
VCC1
Hall amplifier input.
IN+ > IN– is the input high state,
and the reverse is the input low state.
Connect a capacitor between the IN+ and IN– inputs if there
is noise in the Hall sensor signals.
9
10
11
12
13
14
IN1+
IN1–
IN2+
IN2–
IN3+
IN3–
VCC1
10 12 14
9 11 13
300
300
Continued on next page.


Podobny numer części - LB11824

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11820 SANYO-LB11820 Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LB11825M SANYO-LB11825M Datasheet
250Kb / 8P
   LB11825M
More results

Podobny opis - LB11824

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com