Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11847 Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LB11847
Szczegółowy opis  PWM Current Control Type Stepping Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11847 Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LB11847 Datasheet HTML 1Page - Sanyo Semicon Device LB11847 Datasheet HTML 2Page - Sanyo Semicon Device LB11847 Datasheet HTML 3Page - Sanyo Semicon Device LB11847 Datasheet HTML 4Page - Sanyo Semicon Device LB11847 Datasheet HTML 5Page - Sanyo Semicon Device LB11847 Datasheet HTML 6Page - Sanyo Semicon Device LB11847 Datasheet HTML 7Page - Sanyo Semicon Device LB11847 Datasheet HTML 8Page - Sanyo Semicon Device LB11847 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LB11847
No. 6183-5/16
Pin Assignment
Pin Function
VREF1
VREF2
OUTA
OUTA
OUTB
OUTB
VBB
IA4, IA3
IA2, IA1
IB4, IB3
IB2, IB1
VCC
1
28
2
27
3
26
4
25
5
24
6
23
7
22
8
21
9
20
10
19
11
18
12
17
13
16
14
15
LB11847
A12533
Top view
Pin number
Pin name
Function description
Sets the OFF time for FAST mode and SLOW mode in MIX DECAY
Setting input range: 4V to 1.5V
2
Output set current reference supply pins
13
Setting voltage range: 0V to 3V
3
CR1
12
CR2
4E1
11
E2
5
DECAY1
SLOW mode/FAST mode selector pins
10
DECAY2
SLOW DECAY: H
FAST DECAY: L
6
7
8
9
14
Output stage supply voltage pin
15
GND
Ground pin
27
PHASE1
16
PHASE2
26
ENABLE1
17
ENABLE2
22, 23
24, 25
Output set current digital input pins
21, 20
15-stage voltage setting
19, 18
28
Logic block supply voltage pin
1
M D
Output OFF time setting pins for switching operation
Pins for controlling the set current with sensing resistor RE
Output pins
Output phase selector input pins
Output ON/OFF setting input pins


Podobny numer części - LB11847

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11847 SANYO-LB11847 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
logo
ON Semiconductor
LB11847 ONSEMI-LB11847 Datasheet
151Kb / 15P
   Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11847 SANYO-LB11847_08 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
More results

Podobny opis - LB11847

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847 Datasheet
128Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB1847 SANYO-LB1847_09 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H_09 Datasheet
119Kb / 7P
   PWM Current Control Type Stepping Motor Driver
logo
ON Semiconductor
LB1847 ONSEMI-LB1847 Datasheet
137Kb / 15P
   PWM Current Control Type Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11847 SANYO-LB11847_08 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H Datasheet
48Kb / 7P
   PWM Current Control Type Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com