Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11985H Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LB11985H
Szczegółowy opis  VCR Capstan Motor Brushless Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11985H Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

  LB11985H Datasheet HTML 1Page - Sanyo Semicon Device LB11985H Datasheet HTML 2Page - Sanyo Semicon Device LB11985H Datasheet HTML 3Page - Sanyo Semicon Device LB11985H Datasheet HTML 4Page - Sanyo Semicon Device LB11985H Datasheet HTML 5Page - Sanyo Semicon Device LB11985H Datasheet HTML 6Page - Sanyo Semicon Device LB11985H Datasheet HTML 7Page - Sanyo Semicon Device LB11985H Datasheet HTML 8Page - Sanyo Semicon Device LB11985H Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
No. 6209-7/9
LB11985H
Pin No.
Symbol
Pin Voltage
Description
Equivalent circuit
W phase Hall element input.
Logic “H” is defined as the state where
WIN+ > WIN–.
11
WIN
1.3 V to 3.3 V
(VCC = 5 V)
17
150 k
300
300
5 k
6
µA
VCC
16
A13018
19
20
45 k
VCC
A13020
FG amplifier linear output.
Short braking control input.
High: Short braking
Low: Normal motor drive
19
BR
Continued on next page.
FG amplifier + input.
This is the + input to the Schmitt amplifier.
There is no bias applied internally.
16
FGIN+
18
FGOUT
Continued from preceding page.
10
WIN+
12
VIN+
13
VIN
14
UIN+
15
UIN
V phase Hall element input.
Logic “H” is defined as the state where
VIN+ > VIN–.
U phase Hall element input.
Logic “H” is defined as the state where
UIN+ > UIN–.
12
14
10
300
100
µA
13
15
11
VCC
300
A13017
FG amplifier – input.
The input resistance is 5 kW and a 150 kW feedback
resistor is built in. (The gain is 30
×.)
17
FGIN
18
300
50
µA
VCC
50
µA
A13019
0 V to VCC
Full-wave/half-wave control input.
High: Half-wave drive
Low: Full-wave drive
20
SL
FG Schmitt amplifier output.
21
FGS
21
VCC
A13021
Unit (resistance :
Ω, current : A )


Podobny numer części - LB11985H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
   Three-Phase Sensorless Motor Driver
LB11983 SANYO-LB11983 Datasheet
97Kb / 7P
   For Fan Motor Driver for Refrigerator 3-Phase Sensorless Motor Driver
LB11988 SANYO-LB11988 Datasheet
52Kb / 6P
   Refrigerator Fan Motor Driver
LB11988 SANYO-LB11988 Datasheet
85Kb / 6P
   For Refrigerator Fan Motor Driver
More results

Podobny opis - LB11985H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
logo
Panasonic Semiconductor
AN3841SR PANASONIC-AN3841SR Datasheet
31Kb / 1P
   Capstan Motor Driver IC for VCR
logo
Sanyo Semicon Device
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com