Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11990W Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LB11990W
Szczegółowy opis  Three-Phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11990W Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LB11990W Datasheet HTML 6Page - Sanyo Semicon Device LB11990W Datasheet HTML 7Page - Sanyo Semicon Device LB11990W Datasheet HTML 8Page - Sanyo Semicon Device LB11990W Datasheet HTML 9Page - Sanyo Semicon Device LB11990W Datasheet HTML 10Page - Sanyo Semicon Device LB11990W Datasheet HTML 11Page - Sanyo Semicon Device LB11990W Datasheet HTML 12Page - Sanyo Semicon Device LB11990W Datasheet HTML 13Page - Sanyo Semicon Device LB11990W Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LB11990W
No. 6216-10/14
Continued from preceding page
Pin number
30
31
32
33
34
16
Pin name
PGIN
VREF
FGIN_D
FGIN1_D
FGIN2_D
STBY_D
Equivalent circuit
Pin function
PG amplifier input pin.
Connect PG coil between this pin
and VREF.
Internal 1.3V reference voltage.
Used as reference voltage for FG
and PG amplifiers.
FG amplifier input pin.
Connect FG coil between this pin
and VREF.
FG amplifier input signal noise
filter capacitor connection.
FG amplifier input signal noise
filter capacitor connection.
When this pin is at 0.7V or lower
or when it is open, only the FG/
PG amplifier operates.
In the motor drive state, the pin
should be at 2V or higher.
Drum motor standby pin.
Pin voltage
max2.0V
min1.0V
(At VCC =
3V)
max2.0V
min1.0V
(At VCC1 =
3V)
0 to VCC1
Continued on next page
VCC1
500
1.3V
30
500
31
VCC1
1.3V
1.3V
VCC1
34
500
33
32
VCC1
100k
16


Podobny numer części - LB11990W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11993W SANYO-LB11993W Datasheet
167Kb / 15P
   Monolithic Digital IC For Digital Video Camera Three-phase Brushless 3-in-1 Motor Driver
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB11996H SANYO-LB11996H Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
More results

Podobny opis - LB11990W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com