Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11995H Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LB11995H
Szczegółowy opis  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11995H Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

Back Button LB11995H Datasheet HTML 2Page - Sanyo Semicon Device LB11995H Datasheet HTML 3Page - Sanyo Semicon Device LB11995H Datasheet HTML 4Page - Sanyo Semicon Device LB11995H Datasheet HTML 5Page - Sanyo Semicon Device LB11995H Datasheet HTML 6Page - Sanyo Semicon Device LB11995H Datasheet HTML 7Page - Sanyo Semicon Device LB11995H Datasheet HTML 8Page - Sanyo Semicon Device LB11995H Datasheet HTML 9Page - Sanyo Semicon Device LB11995H Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LB11995H
No. 6116-6/10
Sample Application Circuit 1 (12V Version)
Capacitor requirements may change depending on motor.
For some motors, capacitor between Hall inputs may not be needed.
Power supply - GND
Output - GND
Between Hall inputs
1
VOUT 28
PWR GND
2
UOUT 27
WOUT
3
VCC2 26
NC
4
VCC3 25
VC
5
NC 24
VCREF
6
RF
FRAME GND
23
FC
FRAME GND
8
UIN2 21
SIG GND
9
UIN1 20
NC
10
VIN2 19
NC
11
VIN1 18
S/S
12
WIN2 17
BRAKE
13
WIN1
14
VH
16
FG
15
RS
LB11995H
7
VCC1 22
LMC
0.1
µF
0.1
µF
0.1
µF
CTRL signal
CTRL reference voltage
0.1
µF
12V
5V
0.33
0.1
µF
0.1
µF
0.047
µF
0.047
µF
0.047
µF
S/S
BRAKE
A12352
By connecting the LMC pin to GND,
the limiter setting current can be
increased by a factor of 1.5.


Podobny numer części - LB11995H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results

Podobny opis - LB11995H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com