Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DZT491 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części DZT491
Szczegółowy opis  NPN SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT491 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  DZT491 Datasheet HTML 1Page - Diodes Incorporated DZT491 Datasheet HTML 2Page - Diodes Incorporated DZT491 Datasheet HTML 3Page - Diodes Incorporated DZT491 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30946 Rev. 3 - 2
1 of 4
www.diodes.com
DZT491
© Diodes Incorporated
DZT491
NPN SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Complementary PNP Type Available (DZT591C)
Ideally Suited for Automated Assembly Processes
Ideal for Medium Power Switching or Amplification Applications
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: SOT-223
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Finish - Matte Tin annealed over Copper Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Marking & Type Code Information: See Page 3
Ordering Information: See Page 3
Weight: 0.115 grams (approximate)
2
3
4
1
SOT-223
4
3
2
1
C
C
B
E
3
1
2,4
BASE
COLLECTOR
EMITTER
TOP VIEW
Schematic and Pin Configuration
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5
V
Collector Continuous Current (Note 3)
IC
1
A
Peak Collector Current
ICM
2
A
Base Current
IB
200
mA
Power Dissipation (Note 3)
Pd
1
W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
OFF CHARACTERISTICS (Note 4)
Collector-Base Cutoff Current
ICBO
100
nA
VCB = 60V
Emitter-Base Cutoff Current
IEBO
100
nA
VEB = 4V
Collector-Emitter Cutoff Current
ICES
100
nA
VCES = 60V
Collector-Base Breakdown Voltage
V(BR)CBO
80
V
IC = 100μA
Collector-Emitter Breakdown Voltage
V(BR)CEO
60
V
IC = 10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
5
V
IE = 100μA
ON CHARACTERISTICS (Note 4)
0.25
V
IC = 500mA, IB = 50mA
Collector-Emitter Saturation Voltage
VCE(SAT)
0.5
V
IC = 1A, IB = 100mA
100
VCE = 5V, IC = 1mA
100
300
VCE = 5V, IC = 500mA
80
VCE = 5V, IC = 1A
DC Current Gain
hFE
30
VCE = 5V, IC = 2A
Base-Emitter Saturation Voltage
VBE(SAT)
1.1
V
IC = 1A, IB = 100mA
Base-Emitter Turn-On Voltage
VBE(on)
1
V
IC = 1A, VCE = 5V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
150
MHz
VCE = 10V, IC = 50mA, f = 100MHz
Output Capacitance
Cobo
10
pF
VCB = 10V, IE = 0A, f =1MHz
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Device mounted on FR-4 PCB, pad layout as shown on page 4 or on Diodes Inc. suggested pad layout document AP02001, which can
be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
4.
Measured under pulsed conditions. Pulse width = 300ms duty cycle
≤ 2%


Podobny numer części - DZT491

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
DZT2222A DIODES-DZT2222A Datasheet
242Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DS30481 Rev. 5 - 2
DZT2222A-13 DIODES-DZT2222A-13 Datasheet
242Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DS30481 Rev. 5 - 2
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT2907A DIODES-DZT2907A Datasheet
206Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DZT2907A-13 DIODES-DZT2907A-13 Datasheet
206Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
More results

Podobny opis - DZT491

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
   NPN SURFACE MOUNT TRANSISTOR
DCX54 DIODES-DCX54 Datasheet
229Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT3150 DIODES-DZT3150 Datasheet
233Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DS30785 Rev. 3 - 2
DCP56 DIODES-DCP56 Datasheet
203Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXTA42 DIODES-DXTA42 Datasheet
155Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD1621T DIODES-2DD1621T Datasheet
211Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com