Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBTH10 Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części MMBTH10
Szczegółowy opis  VHF/UHF NPN SILICON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBTH10 Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  MMBTH10_06 Datasheet HTML 1Page - Pan Jit International Inc. MMBTH10_06 Datasheet HTML 2Page - Pan Jit International Inc. MMBTH10_06 Datasheet HTML 3Page - Pan Jit International Inc. MMBTH10_06 Datasheet HTML 4Page - Pan Jit International Inc. MMBTH10_06 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
STAD-JUN.30.2006
MMBTH10
.083(2.10)
.020(.50)
.006(.15)
.119(3.00)
.066(1.70)
.006(.15)MAX
.013(.35)
.002(.05)
.110(2.80)
SOT- 23
Unit: inch (mm)
VHF/UHF NPN SILICON TRANSISTOR
VOLTAGE
25 Volts
225 mW
FEATURES
• NPN Silicon
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
Case : SOT-23, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Approx weight : 0.008 gram
POWER
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
Note 1. FR-5 = 1.0 x 0.75 x 0.062 in
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina
G
N
I
T
A
RL
O
B
M
Y
SE
U
L
A
VT
I
N
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
C
V CE O
5
2c
d
V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
l
l
o
C
V CB O
0
3c
d
V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
V EBO
0
.
3c
d
V
C
I
T
S
I
R
E
T
C
A
R
A
H
CL
O
B
M
Y
S.
X
A
MS
T
I
N
U
)
1
e
t
o
N
(
d
r
a
o
B
5
-
R
F
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
TA
5
2
=
OC
5
2
e
v
o
b
a
e
t
a
r
e
D
OC
P D
5
2
2
8
.
1
W
m
/
W
m
OC
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
e
t
o
N
(
RΘJA
6
5
5
O
W
/
C
l
a
t
o
Te
t
a
r
t
s
b
u
S
a
n
i
m
u
l
A
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
T
)
2
e
t
o
N
(
A
5
2
=
OC
5
2
e
v
o
b
a
e
t
a
r
e
D
OC
P D
0
0
3
4
.
2
W
m
/
W
m
OC
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
2
e
t
o
N
(
RΘJA
7
1
4
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
JTJ T
, STG
0
5
1
+
o
t
5
5
-
OC


Podobny numer części - MMBTH10_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
MMBTH10 WEITRON-MMBTH10_07 Datasheet
176Kb / 6P
   NPN 1.1 GHz RF Transistor
More results

Podobny opis - MMBTH10_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MMBT918LT1 ONSEMI-MMBT918LT1 Datasheet
48Kb / 3P
   VHF/UHF Transistor NPN Silicon
January, 2006 ??Rev. 5
logo
Pan Jit International I...
MMBT918W PANJIT-MMBT918W Datasheet
97Kb / 3P
   VHF/UHF NPN SILICON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MMBTH10 SEMTECH_ELEC-MMBTH10 Datasheet
130Kb / 1P
   NPN Silicon VHF/UHF Transistor
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
52Kb / 6P
   VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
logo
Weitron Technology
MMBTH10 WEITRON-MMBTH10 Datasheet
224Kb / 5P
   NPN Silicon VHF/UHF Transistor
logo
Pan Jit International I...
MMBT918 PANJIT-MMBT918 Datasheet
142Kb / 3P
   VHF/UHF NPN SILICON TRANSISTOR
logo
ON Semiconductor
MMBT918LT1G ONSEMI-MMBT918LT1G_09 Datasheet
118Kb / 3P
   VHF/UHF Transistor NPN Silicon
August, 2009 ??Rev. 6
logo
Zetex Semiconductors
ZUMT918 ZETEX-ZUMT918 Datasheet
19Kb / 1P
   NPN SILICON PLANAR VHF/UHF TRANSISTOR
logo
NTE Electronics
NTE69 NTE-NTE69 Datasheet
20Kb / 2P
   Silicon NPN Transistor UHF/VHF Amplifier
logo
Zetex Semiconductors
FMMT918 ZETEX-FMMT918 Datasheet
47Kb / 1P
   NPN SILICON PLANAR VHF/UHF TRANSISTOR
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com