Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC3564RT-15LV Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC3564RT-15LV
Szczegółowy opis  64K (8192 words x 8 bits) SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC3564RT-15LV Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC3564RT-15LV Datasheet HTML 1Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 2Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 3Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 4Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 5Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 6Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 7Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 8Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LC3564RM,RT-10LV/12LV/15LV
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
60597HA(ID) / 50995TH(ID) / D2293JN No. 4484—1/10
Ordering number: EN 4484B
CMOS LSI
64K (8192 words
× 8 bits) SRAM
Overview
The LC3564RM,RT are 8192-word
× 8bit, asynchronous,
silicon gate, low-voltage CMOS SRAM LSIs.They oper-
ate from a 2.0 to 3.6V supply, making them ideal for hand-
held, battery-operated equipment.
They are fully CMOS devices employing 2-layer A1 wir-
ing to realize high-speed access, low operating current
consumption and very low standby current. They incorpo-
rate control signal inputs; OE for high-speed memory
access, and 2 chip enables CE1 and CE2 for power-down
and device selection.
They are ideal for systems requiring high speed, low
power and battry backup or for easy mamory expansion.
The very low standby current means that backup can also
be achieved using a capacitor.
Features
s
Supply voltage range: 2.0 to 3.6V
• 3V operation: 2.7 to 3.6V
• Battery operation: 2.0 to 2.4V
s
High-speed access time
• 3V operation
- LC3564RM,RT-10LV: 100ns (max)
- LC3564RM,RT-12LV: 120ns (max)
- LC3564RM,RT-15LV: 150ns (max)
• Battery operation
- LC3564RM,RT-10LV: 200ns (max)
- LC3564RM,RT-12LV: 250ns (max)
- LC3564RM,RT-15LV: 300ns (max)
s
Very-low standby current
• 3V operation
-Ta
≤ 70°C: 1.0µA
-Ta
≤ 85°C: 3.0µA
• Battery operation
-Ta
≤ 70°C: 0.85µA
-Ta
≤ 85°C: 2.5µA
s
Operating temperature range: –40 to +85
°C
s
Data retention supply voltage: 2.0 to 3.6V
s
Input/output levels: CMOS Compatible (0.8Vcc/0.2Vcc)
s
3 control inputs (OE, CE1, CE2)
s
Common-pin input/outputs, 3-state output
s
Clock not needed (fully-static RAM)
s
Package
• SOP 28-pin (450mil) plastic package: LC3564RM
series
• TSOP
28-pin
(8
× 13.4mm) plastic package:
LC3564RT series
Package Dimensions
unit: mm
3158 - SOP28
unit: mm
3221 - TSOP28
[LC3564RM]
[LC3564RT]


Podobny numer części - LC3564RT-15LV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BM SANYO-LC3564BM Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BS SANYO-LC3564BS Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT SANYO-LC3564BT Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT-10 SANYO-LC3564BT-10 Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results

Podobny opis - LC3564RT-15LV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
Sanyo Semicon Device
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
LC36256AL SANYO-LC36256AL Datasheet
99Kb / 7P
   256 K (32768 words x 8 bits) SRAM
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
   256 K (32768 words X 8 bits) Pseudo-SRAM
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com