Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13892JVK Arkusz danych(PDF) 6 Page - Freescale Semiconductor, Inc

Numer części MC13892JVK
Szczegółowy opis  Power Management and User Interface IC
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13892JVK Arkusz danych(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC13892JVK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13892JVK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13892JVK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13892JVK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13892JVK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13892JVK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13892JVK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13892JVK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13892JVK Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 156 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
13892
PIN CONNECTIONS
Table 2. 13892 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 32.
Pin Number
on the
13982VK
7x7 mm
Pin Number on
the 13982VL
12x12 mm
Pin Name
Rating
(V)
Pin Function
Formal Name
Definition
A1, A2, B1
A2
VUSB2
3.6
Output
USB 2 Supply
Output regulator for USB PHY
A3
A3
VINUSB2
5.5
Power
USB 2 Supply Input
Input regulator VUSB2
A4
A5
SWBSTIN
5.5
Power
Switcher Boost Power
Input
Switcher BST input
A5
D5
GNDSWBST
-
Ground
Switcher Boost Ground Ground for switcher BST
A6
D8
GNDBL
-
Ground
Backlight LED Ground Ground for serial LED drive
A7
A7
NC
-
-
No Connect
Do NOT connect
A8
A8
MODE
9.0
Input
Mode Configuration
USB LBP mode, normal mode, test mode
selection & anti-fuse bias
A9
A9
VCORE
3.6
Output
Core Supply
Regulated supply output for the IC analog
core circuitry
A10
A10
BATT
5.5
Input
Battery Connection
1. Battery positive terminal
2. Battery current sensing point 2
3. Battery supply voltage sense
A11
A11
CHRGRAW
20
I/O
Charger Input
1. Charger input
2. Output to battery supplied accesories
A12, A13, B13
A12
CHRGCTRL2
5.5
Output
Charger Control 2
Driver output for charger path FETs M2
B2
B2
GPO1
3.6
Output
General Purpose
Output 1
General purpose output 1
B3
C2
DVS2
3.6
Input
Dynamic Voltage
Scaling Control 2
Switcher 2 DVS input pin
B4
A4
SWBSTOUT
7.5
Power
Switcher Boost Output Switcher BST BP supply
B5
C4
LEDB
7.5
Input
LED Driver
General purpose LED current sink driver
Blue
B6
C6
LEDKP
28
Input
LED Driver
Keypad lighting LEDcurrent sink driver
B7
B5
LEDR
7.5
Input
LED Driver
General purpose LED current sink driver Red
B8
B9
GNDCORE
-
Ground
Core Ground
Ground for the IC core circuitry
B9
C9
VCOREDIG
1.5
Output
Digital Core Supply
Regulated supply output for the IC digital
core circuitry
B10
B11
BP
5.5
Power
Battery Plus
1. Application supply point
2. Input supply to the IC core circuitry
3. Application supply voltage sense
B11
D9
CHRGCTRL1
20
Output
Charger Control 1
Driver output for charger path FETs M1
B12
B13
BATTISNSCC
4.8
Input
Battery Current Sense Accumulated current counter current sensing
point
C1
E3
VINPLL
5.5
Power
PLL Supply Input
Input regulator processor PLL
C2
B1
VSDDRV
5.5
Output
VSD Driver
Drive output regulated SD card
C12
A13
CHRGISNS
4.8
Input
Charger Current Sense Charge current sensing point 1
C13
B14
BATTISNS
4.8
Input
Battery Current Sense Battery current sensing point 1


Podobny numer części - MC13892JVK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13892JVK FREESCALE-MC13892JVK Datasheet
6Mb / 161P
    Power Management and User Interface IC
MC13892JVK FREESCALE-MC13892JVK Datasheet
5Mb / 158P
   Power Management Integrated
More results

Podobny opis - MC13892JVK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com