Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC378000RP Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LC378000RP
Szczegółowy opis  Internally Synchronized Silicon Gate 8M (1,048,576-word x 8-bit, 524,288-word x 16-bit) Mask ROM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC378000RP Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LC378000RP Datasheet HTML 1Page - Sanyo Semicon Device LC378000RP Datasheet HTML 2Page - Sanyo Semicon Device LC378000RP Datasheet HTML 3Page - Sanyo Semicon Device LC378000RP Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PS No. 5793-4/4
LC378000RP
This catalog provides information as of April, 1998. Specifications and information herein are subject to change
without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.
Test Conditions
Timing Waveforms
Output Load
Input voltage amplitude
0.4 V to 2.8 V
Rise and fall times
5 ns
Input discrimination level
1.5 V
Output discrimination level
1.5 V
Output load
See figure.
*: Includes the oscilloscope and
jig capacitances.
Note: Items in parentheses are for byte mode operation.
Notes on System Design
This IC adopts the ATD technique, in which operation starts when a change in either the CE or address inputs is detected.
This means that the output data immediately after power is applied is invalid. When using this IC as program memory for
the Z80 and similar microprocessors, applications must take into account the fact that valid data will not be output after
power is first applied unless the value of either the CE line or at least one of the address lines is changed after the power
supply has stabilized.
Another point due to the use of the ATD technique is that this IC is sensitive to input noise. Do not apply voltages
outside the allowable DC input levels for extended periods and do not apply input voltages with large noise components.
Address input
Data output
tCEON


Podobny numer części - LC378000RP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC378100QM SANYO-LC378100QM Datasheet
64Kb / 4P
   8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC378100QT SANYO-LC378100QT Datasheet
64Kb / 4P
   8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
More results

Podobny opis - LC378000RP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OKI electronic componet...
MR53V8002J OKI-MR53V8002J Datasheet
158Kb / 8P
   524,288-Word x 16-bit or 1,048,576 x 8-Bit MASK ROM
MR53V1602J OKI-MR53V1602J Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
MR53V8052J OKI-MR53V8052J Datasheet
160Kb / 8P
   524,288-Word x 16-bit or 1,048,576-Word x 8-bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR53V3202J OKI-MR53V3202J Datasheet
162Kb / 9P
   2,097,152-Word x 16-Bit or 4,097,152-word x 8-Bit MASK ROM
MR533202J OKI-MR533202J Datasheet
157Kb / 8P
   2,097,152-Word X 16-Bit or 4,097,152-Word X 8-Bit MASK ROM
MR27V802D OKI-MR27V802D Datasheet
58Kb / 11P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C802CZ OKI-MSM27C802CZ Datasheet
108Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com