Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC372100PT-20LV Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC372100PT-20LV
Szczegółowy opis  2 MEG (262144 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC372100PT-20LV Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC372100PT-20LV Datasheet HTML 1Page - Sanyo Semicon Device LC372100PT-20LV Datasheet HTML 2Page - Sanyo Semicon Device LC372100PT-20LV Datasheet HTML 3Page - Sanyo Semicon Device LC372100PT-20LV Datasheet HTML 4Page - Sanyo Semicon Device LC372100PT-20LV Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
No. 5088-3/5
LC372100PP, PM, PT-10/20LV
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
–0.3 to +7.0
V
Supply input voltage
VIN
–0.3*2 to VCC + 0.3
V
Supply output voltage
VOUT
–0.3 to VCC + 0.3
V
Allowable power dissipation
Pd max
Ta = 25°C; Reference values for the SANYO DIP package
1.0
W
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings *1
Note: 1. Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation should be restricted to Recommended
Operating Conditions.
2. VIN (min) = –3.0 V (pulse width ≤ 30 ns)
Note: 1. tOD is measured from the earlier edge of the CE (CE) or OE(OE)’s going high impedance.
This parameter is periodically sampled and not 100% tested.
2. Guaranteed at VCC = 3.0 to 3.6 V
Note: * This parameter is periodically sampled and not 100% tested.
Note: * Guaranteed at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input capacitance
CIN
VIN = 0 V; Reference values for the SANYO DIP package
8
pF
Output capacitance
COUT
VOUT = 0 V; Reference values for the SANYO DIP package
10
pF
Input/Output Capacitance* at Ta = 25°C, f = 1.0 MHz
3 V Operation
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC max
2.7
3.0
3.6
V
Input high level voltage
VIH
0.8 VCC
VCC + 0.3
V
Input low level voltage
VIL
–0.3
+0.4
V
DC Recommended Operating Ranges at Ta = 0 to +70°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Operating supply current
ICCA1
CE = 0.2 V (CE = VCC – 0.2 V), VI = VCC – 0.2 V/0.2 V
15
mA
ICCA2
CE = VIL (CE = VIH), IO = 0 mA, VI = VIH/VIL, f = 5 MHz
20
mA
Standby supply current
ICCS1
CE = VCC – 0.2 V (CE = 0.2 V)
5 (0.5*)
µA
ICCS2
CE = VIH (CE = VIL)
50 (10*)
µA
Input leakage current
ILI
VIN = 0 to VCC
±1.0
µA
Output leakage current
ILO
CE or OE = VIH (CE or OE = VIL), VOUT = 0 to VCC
±1.0
µA
Output high level voltage
VOH
IOH = –0.5 mA
VCC – 0.2
V
Output low level voltage
VOL
IOL = 0.5 mA
0.2
V
DC Electrical Characteristics at Ta = 0 to +70°C, VCC = 2.7 to 3.6 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Cycle time
tCYC
200 (150*2)
ns
Address access time
tAA
200 (150*2)
ns
CE access time
tCA
200 (150*2)
ns
OE access time
tOA
80 (60*2)
ns
Output hold time
tOH
25
ns
Output disable time*1
tOD*1
50
ns
AC Characteristics at Ta = 0 to +70°C, VCC = 2.7 to 3.6 V


Podobny numer części - LC372100PT-20LV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
LC370W01 PHILIPS-LC370W01 Datasheet
714Kb / 28P
   37.0 WXGA TFT LCD
May.25, 2004
logo
LG Semicon Co.,Ltd.
LC370WX1 LG-LC370WX1 Datasheet
965Kb / 28P
   37.0?쓂XGA TFT LCD
logo
Seoul Semiconductor
LC370Z SEOUL-LC370Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC371 SEOUL-LC371 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC371 SEOUL-LC371 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results

Podobny opis - LC372100PT-20LV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC378100QM SANYO-LC378100QM Datasheet
64Kb / 4P
   8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC374100SM SANYO-LC374100SM Datasheet
64Kb / 4P
   4 MEG (524288 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC371100SP SANYO-LC371100SP Datasheet
80Kb / 5P
   1 MEG (131072 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
LE28F4001M SANYO-LE28F4001M Datasheet
219Kb / 14P
   4 MEG (524288 words x 8 bits) Flash Memory
LC382161T-17 SANYO-LC382161T-17 Datasheet
1Mb / 55P
   2 MEG(65536 words x 16 bits x 2 banks) Synchronous DRAM
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
logo
Sanyo Semicon Device
LC374500ST SANYO-LC374500ST Datasheet
46Kb / 4P
   Internal Synchronization Silicon Gate 4M (524288-word x 8-bit) mask ROM Pin Compatible with Flash Memory
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com