Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI4012-6R8MZF-11 Arkusz danych(PDF) 2 Page - Superworld Electronics

Numer części SPI4012-6R8MZF-11
Szczegółowy opis  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUPERWORLD [Superworld Electronics]
Strona internetowa  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPI4012-6R8MZF-11 Arkusz danych(HTML) 2 Page - Superworld Electronics

  SPI4012-6R8MZF-11 Datasheet HTML 1Page - Superworld Electronics SPI4012-6R8MZF-11 Datasheet HTML 2Page - Superworld Electronics SPI4012-6R8MZF-11 Datasheet HTML 3Page - Superworld Electronics SPI4012-6R8MZF-11 Datasheet HTML 4Page - Superworld Electronics SPI4012-6R8MZF-11 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
23.09.2010
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5. ELECTRICAL CHARACTERISTICS :
4. GENERAL SPECIFICATION :
f) Resistance to solder heat : 260°C 10secs
e) Operating temp. : -40°C to +105°C ( include self temp. rise )
d) Storage temp. : -40°C to +105°C
b) IDC2 : Based on temperature rise ( T: 40°C Typ.)
a) IDC1 : Based on inductance change ( L/Lo: <30%) @ ambient temp. 25°C
Part No.
SPI4012-1R2NZF-
Inductance
1.2±30%
( uH )
IDC1
( m )
0.1V/100K
57
2.00
( A )
RDC
IDC2
2.00
( A )
( Hz )
Frequency
Test
±20%
1.5±30%
0.1V/100K
67
2.2±30%
0.1V/100K
84
SPI4012-1R5NZF-
SPI4012-2R2NZF-
1.80
1.55
1.70
1.50
SMD POWER INDUCTORS (PRELIMINARY)
SPI4012 SERIES
SPI4012-3R3NZF-
3.3±30%
0.1V/100K
100
1.30
1.25
4.7±20%
0.1V/100K
140
6.8±20%
0.1V/100K
170
SPI4012-4R7MZF-
SPI4012-6R8MZF-
1.15
1.05
1.10
1.00
SPI4012-8R2MZF-
8.2±20%
0.1V/100K
210
0.90
1.00
10±20%
0.1V/100K
260
12±20%
0.1V/100K
300
SPI4012-100MZF-
SPI4012-120MZF-
0.90
0.85
0.75
0.66
SPI4012-150MZF-
15±30%
0.1V/100K
390
0.70
0.75
18±20%
0.1V/100K
450
22±20%
0.1V/100K
650
SPI4012-180MZF-
SPI4012-220MZF-
0.60
0.50
0.60
0.57
SPI4012-270MZF-
27±20%
0.1V/100K
750
0.48
0.40
33±20%
0.1V/100K
850
SPI4012-330MZF-
0.45
0.39
c) Rated current : IDC1 or IDC2, whichever value is lower
Marking
B
C
E
G
I
K
L
M
N
O
P
Q
R
S


Podobny numer części - SPI4012-6R8MZF-11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Superworld Electronics
SPI4012-6R8MZF SUPERWORLD-SPI4012-6R8MZF Datasheet
231Kb / 5P
   SMD POWER INDUCTORS SPI4012 SERIES
More results

Podobny opis - SPI4012-6R8MZF-11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com