Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5421 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD5421
Szczegółowy opis  16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5421 Arkusz danych(HTML) 5 Page - Analog Devices

  AD5421_11 Datasheet HTML 1Page - Analog Devices AD5421_11 Datasheet HTML 2Page - Analog Devices AD5421_11 Datasheet HTML 3Page - Analog Devices AD5421_11 Datasheet HTML 4Page - Analog Devices AD5421_11 Datasheet HTML 5Page - Analog Devices AD5421_11 Datasheet HTML 6Page - Analog Devices AD5421_11 Datasheet HTML 7Page - Analog Devices AD5421_11 Datasheet HTML 8Page - Analog Devices AD5421_11 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD5421
Rev. 0 | Page 5 of 32
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Inductive Load
50
mH
Stable operation
Capacitive Load
2
10
μF
Stable operation
ADC ACCURACY
Die Temperature
±5
°C
VLOOP Input
±1
%
DVDD OUTPUT
Can be overdriven up to 5.5 V
Output Voltage
3.17
3.3
3.48
V
Externally Available Current3, 6
3.15
mA
Assuming 4 mA flowing in the loop
and during HART communications
Short-Circuit Current
7.7
mA
Load Regulation
11
mV/mA
Measured at 0 mA and 3 mA loads
DIGITAL INPUTS3
SCLK, SYNC, SDIN, LDAC
Input High Voltage, VIH
0.7 × IODVDD
V
Input Low Voltage, VIL
0.25 × IODVDD
V
Hysteresis
0.21
V
IODVDD = 1.8 V
0.63
V
IODVDD = 3.3 V
1.46
V
IODVDD = 5.5 V
Input Current
−0.015
+0.015
μA
Per pin
Pin Capacitance
5
pF
Per pin
DIGITAL OUTPUTS3
SDO Pin
Output Low Voltage, VOL
0.4
V
Output High Voltage, VOH
IODVDD − 0.5
V
High Impedance Leakage
Current
−0.01
+0.01
μA
High Impedance Output
Capacitance
5
pF
FAULT Pin
Output Low Voltage, VOL
0.4
V
Output High Voltage, VOH
IODVDD − 0.5
V
FAULT THRESHOLDS
ILOOP Under
ILOOP – 0.01% FSR
mA
ILOOP Over
ILOOP + 0.01% FSR
mA
Temp 140°C
133
°C
Fault removed when temperature
≤ 125°C
Temp 100°C
90
°C
Fault removed when temperature
≤ 85°C
VLOOP 6V
0.3
V
Fault removed when VLOOP ≥ 0.4 V
VLOOP 12V
0.6
V
Fault removed when VLOOP ≥ 0.7 V
POWER REQUIREMENTS
REGIN
5.5
52
V
With respect to LOOP−
IODVDD
1.71
5.5
V
With respect to COM
Quiescent Current
260
300
μA
1 Temperature range: −40°C to +105°C; typical at +25°C.
2 Total unadjusted error is the total measured error (offset error + gain error + linearity error + output drift over temperature) after factory calibration of the AD5421.
System level total error can be reduced using the offset and gain registers.
3 Guaranteed by design and characterization; not production tested.
4 The voltage between LOOP− and REGIN must be 5.5 V or greater.
5 The AD5421 is factory calibrated with an external 2.5 V reference connected to REFIN.
6 This is the current that the output is capable of sourcing. The load current originates from the loop and, therefore, contributes to the total current consumption figure.


Podobny numer części - AD5421_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
More results

Podobny opis - AD5421_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com