Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS453BEYZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADXRS453BEYZ
Szczegółowy opis  High Performance , Digital Output Gyroscope
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS453BEYZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADXRS453BEYZ Datasheet HTML 2Page - Analog Devices ADXRS453BEYZ Datasheet HTML 3Page - Analog Devices ADXRS453BEYZ Datasheet HTML 4Page - Analog Devices ADXRS453BEYZ Datasheet HTML 5Page - Analog Devices ADXRS453BEYZ Datasheet HTML 6Page - Analog Devices ADXRS453BEYZ Datasheet HTML 7Page - Analog Devices ADXRS453BEYZ Datasheet HTML 8Page - Analog Devices ADXRS453BEYZ Datasheet HTML 9Page - Analog Devices ADXRS453BEYZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADXRS453
Rev. 0 | Page 6 of 32
12
3
4
5
6
7
14
13
12 11 10
9
8
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
BACK VIEW
(Not to Scale)
14
13
12
11
10
9
8
Figure 4. Pin Configuration, 14-Terminal LCC_V (Vertical Layout)
Figure 5. Pin Configuration, 14-Terminal LCC_V (Horizontal Layout)
Table 5. Pin Function Descriptions, 14-Terminal LCC_V
Pin No.
Mnemonic
Description
1
AVSS
Analog Ground.
2
AVDD
Analog Regulated Voltage. See Figure 27 for the application circuit diagram.
3
MISO
Master In/Slave Out.
4
DVDD
Digital Regulated Voltage. See Figure 27 for the application circuit diagram.
5
SCLK
SPI Clock.
6
CP5
High Voltage Supply. See Figure 27 for the application circuit diagram.
7
RSVD
Reserved. This pin must be connected to DVSS.
8
RSVD
Reserved. This pin must be connected to DVSS.
9
VX
High Voltage Switching Node. See Figure 27 for the application circuit diagram.
10
CS
Chip Select.
11
DVSS
Digital Signal Ground.
12
MOSI
Master Out/Slave In.
13
PSS
Switching Regulator Ground.
14
PDD
Supply Voltage.


Podobny numer części - ADXRS453BEYZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450 Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BEYZ AD-ADXRS450BEYZ Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BEYZ-RL AD-ADXRS450BEYZ-RL Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BRGZ AD-ADXRS450BRGZ Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BRGZ-RL AD-ADXRS450BRGZ-RL Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
More results

Podobny opis - ADXRS453BEYZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450 Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
logo
STMicroelectronics
I3G4250D STMICROELECTRONICS-I3G4250D Datasheet
1Mb / 43P
   3-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
logo
List of Unclassifed Man...
PMODGYRO2_RM ETC1-PMODGYRO2_RM Datasheet
239Kb / 2P
   The PmodGYRO2 features the Analog Devices ADXRS453 High Performance, Digital Output Gyroscope that is ideal for systems in need of a gyroscope for high vibration environments.
logo
Bosch Sensortec GmbH
BMG160 BOSCH-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com