Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS-3000-224 Arkusz danych(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Numer części TS-3000-224
Szczegółowy opis  3000W True Sine Wave DC-AC Inverter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MEANWELL [Mean Well Enterprises Co., Ltd.]
Strona internetowa  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-3000-224 Arkusz danych(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  TS-3000-224 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TS-3000-224 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
TS-3000-112
TS-3000-124
TS-3000-148
TS-3000-212
TS-3000-224
TS-3000-248
200/220/230/240VACselectablebysettingbuttonS.W
50 0.1Hz50/60HzselectablebysettingbuttonS.W
150A
24V
21~30VDC
90%
75A
48V
42~60VDC
91%
150A
24V
21~30VDC
91%
75A
48V
42~60VDC
92%
MODEL
MAXIMUMOUTPUTPOWER(Typ.)
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION (Typ.)
FRONTPANEL INDICATOR
SAVINGMODE(Typ.)
NOLOADDISSIPATION (Typ.)
BAT.VOLTAGE
VOLTAGERANGE (Typ.) Note.3,6
EFFICIENCY (Typ.)
Note.1
DCCURRENT(Typ.)
Note.4
INPUT
INPUT
PROTECTION
BATTERY
OUTPUT
FUSE
SAFETY &
EMC
BAT.LOW ALARM
Note.6
BAT.LOWSHUTDOWN Note.6
OVERTEMPERATURE
OUTPUTSHORT
REVERSEPOLARITY
GFCIPROCTECTION
100/110/115/120VACselectableby settingbuttonS.W
3450Wfor180sec./4500Wfor10sec./surgepower6000Wfor30cycles
Truesinewave(THD<3%)atratedinputvoltage
60 0.1Hz50/60HzselectablebysettingbuttonS.W
300A
12V
10.5~15VDC
89%
40A*12
40A*6
20A*6
20A*6
40A*6
11.3V
22.5V
45V
45V
22.5V
10.5V
21V
42V
42V
21V
3%
Load
5Wwillbechangedtostandbymode
Batteryvoltagelevel,outputloadlevel,savingmode,faultandoperationstatus
10W @ standby saving mode
12V
1mA
10.5~15VDC
88%
300A
40A*12
11.3V
10.5V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Byinternalfuseopen
Optional(OnlytypeF)
None
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoFCCclass A
None
WORKINGTEMP.
Note.2
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
SAFETY STANDARDS
0~+40
@100%load;60
@50%load
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
UL458(onlyfor"GFCI"receptacle-TypeF)
CompliancetoEN61000-4-2,3,4,5,6,8,11ENV50204
CompliancetoEN55022class A,72/245/CEE,95/54/CE,E-Mark
True sine wave output (THD<3%)
Power ON-OFF switch
Standby saving mode can be selectable
Front panel indicator for operation status
Thermostatically controlled cooling fan
Protections: Bat. low alarm / Bat. low shutdown / Over voltage / Over temp.
/ Output short / Input polarity reverse / Overload / AC circuit breaker
Application : Home appliance, power tools, office and portable
equipment, vehicle and yacht ...etc.
Optional monitoring software and connection cable
(MW order No.: DS-TN-1500)
3 years warranty
High surge power up to 6000W
High efficiency up to 92%
RATEDPOWER (Typ.)
3000W
BATTERY TYPES
OVERLOAD(Typ.)
CIRCUITBREAKER
105~115%loadfor180sec.,115%~150%loadfor10sec.
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
ACoutputreceptacle:15A
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
BatI/P - ACO/P:3.0KVAC
ACO/P -FG:1.5KVAC
BatI/P - ACO/P,BatI/P -FG, ACO/P -FG:100Mohms/500VDC /25
/70%RH
VIBRATION
10~500Hz,3G10min./1cycle,60min.eachalongX, Y,Zaxes
Features :
3000W TrueSineWaveDC-ACInverter
T S - 3 0 0 0 series
OTHERS
PACKING
12.9Kg;1pcs/14Kg/1.98CUFT
DIMENSION
CONTROL WIRING
466.8*283.5*100mm(L*W*H)
RJ11-RS232(Option)
FileName:TS-3000-SPEC2010-12-14
NOTE
1.Efficiency is tested by 2100W, linear load at 13V, 26V, 52V input voltage.
2.Output derating capacity referenced by curve 1.
3.Output derating capacity referenced by curve 2.
4.DC current is tested by 3000W, linear load at 12V, 24V, 48V input voltage.
5.All parameters not specified above are measured at rated load, 25
of ambient temperature.
6.The tolerance of each voltage value by models is:112/212
0.5V;124/224
1V;148/248
2V
ACVOLTAGE
Factorysettingsetat110VAC
Factorysettingsetat230VAC
PROTECTION
ENVIRONMENT
LVD
None
EN60950-1
None
E13
90
5
85
5
85
5
80
5
75
5
75
5
OFFMODE
DRAW
CURRENT
(Typ.)
Open&sealedleadacidbattery


Podobny numer części - TS-3000-224

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
TS-3000-224 MEANWELL-TS-3000-224 Datasheet
828Kb / 2P
   3000W True Sine Wave DC-AC Power Inverter
TS-3000-224 MEANWELL-TS-3000-224 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000-224 MEANWELL-TS-3000-224 Datasheet
864Kb / 2P
   3000W True Sine Wave DC-AC Inverter
More results

Podobny opis - TS-3000-224

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
TS-3000 MEANWELL-TS-3000_11 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000 MEANWELL-TS-3000_12 Datasheet
864Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000 MEANWELL-TS-3000 Datasheet
828Kb / 2P
   3000W True Sine Wave DC-AC Power Inverter
TN-3000 MEANWELL-TN-3000 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000_1105 MEANWELL-TN-3000_1105 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000 MEANWELL-TN-3000_11 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TS-1500 MEANWELL-TS-1500_11 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-200 MEANWELL-TS-200 Datasheet
112Kb / 1P
   DC/AC Inverter 200~700W True Sine Wave
TS-400 MEANWELL-TS-400_12 Datasheet
365Kb / 2P
   400W True Sine Wave DC-AC Power Inverter
TS-200 MEANWELL-TS-200_10 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com