Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAR1212DC Arkusz danych(PDF) 1 Page - Lineage Power Corporation

Numer części CAR1212DC
Szczegółowy opis  1200 Watt, 12V DC Input Front End
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINEAGEPOWER [Lineage Power Corporation]
Strona internetowa  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1212DC Arkusz danych(HTML) 1 Page - Lineage Power Corporation

  CAR1212DC Datasheet HTML 1Page - Lineage Power Corporation CAR1212DC Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
by Lineage Power
www.LineagePower.com
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
Compact 1U High Profile
Constant Current Characteristic
Visual LED Indicators
Hot Plug / Redundant Parallel Operation with Active Load Sharing
No Minimum Load Requirements
Analog, I2C, and PMBuss control and monitoring
Four (4) CAR1212DC Modules per Rack
3.6KW N+1 Capability/ or 4.8KW Total Power
KEY MARKET SEGMENTS & APPLICATIONS
Distributed Power
RF Amplifiers
High End Servers
ATE Equipment
High End Routers and Switchgear
Semiconductor Burn-in Equipment
SPECIFICATIONS
1,200 Watt +12V Front End Power Supply with 48 VDC Input Range
Input Voltage Range
-36 ~ -75 VDC Input Range
Turn off (Hysteresis)
-32 VDC Turn Off
Input Current Maximum
38A, -36VDC Input, Full Load and 89% Efficiency (max)
Input Protection
Two fuses in the negative leg rated at 30 Amps Each
Efficiency
90% typical, at 12Vdc output, -48Vdc nominal input (including Oring Mosfets). Peak Efficiency at 60-80% load
Hold-Up Time
2.5ms at 1200W (typical) nominal -48Vdc
Isolation
1500 VDC Input to Output, 100 VDC Input to Frame
Output Voltage Range
10.8~13.2 VDC with remote programming
Output Current
100A @ 12Vout (max continuous)
Standby Bias Voltage
3.3VSB @ 1A (optional 5VSB)
Voltage Regulation
±2% of Vnom for any combination of line, load and temperature
Output Ripple & Noise
1% (pk-pk) @ 20MHz with 0.1µF ceramic and 10µF Tantalum caps at the output
Transient Response
5% max deviation Recovery time 300μs @ 50% load step and di/dt < 1A/μs
Remote On/Off
ON if >3V or open; OFF if <1V (max. sink 1mA)
Current Limit Protection
110~130A, Constant current 12Vdc down to 11.8vdc. True constant current for Isc Non–hiccup mode (adjustable via I2C)
Short Circuit Protection
Self protected with auto recovery
Over Voltage Protection
Trip level >14.5~15.5V, Reset condition by recycling the AC input or applying Remote or software ON/OFF
Operating Temperature
-10°C to +70°C. power derating above 50°C at change 2.5%/°C (startup @ -40C, within spec @ 30 min of warm up)
Over Temperature Protection
Non-Latching, thermal shutdown point is set for 120°C and recovery point is 110°C
EMI
FCC-B & EN55022-B with specified filter or at rack level, GR-1089-CORE
LED Indicators
3 LED Indicators to indicate Green = Input OK / Green = DCOK / Amber = Fault
Analog Status & Control
Voltage Programming (V Prog), Load sharing (I Share), Remote On/Off, Current Monitor (I Monitor), Input OK, DC OK,
Temperature Warning, Fault, PS Present, Module Enable,
Digital Status & Control
I2C and PMBus, see detailed specification for details
Shock & Vibration
NEBS GR-63-CORE Level 3
Dimensions
11.20 x 4.00 x 1.65” / 284.5 x 101.6 x 41.91mm
Safety Approvals
IEC/UL/CSA/EN60950-1, CE Mark (LVD)
Options
5VSB Output
FEATURES
BENEFITS
High Power Density >16W/in3
More system space for application circuits and hardware
Load Sharing & Fault Tolerant
Excellent reliability in N+1 operation
Automatic Fan Speed Control
Reduces audible noise and increases reliability
System Scalability up to 4.8kW
Allows flexibility with minimum investment
Universal Input & International
Certifications
Reduces logistical costs
CAR1212DC
1200 Watt, +12V DC Input Front End
rev 100225


Podobny numer części - CAR1212DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lineage Power Corporati...
CAR1212DCBX5Z01A LINEAGEPOWER-CAR1212DCBX5Z01A Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
CAR1212DCBXXZ01A LINEAGEPOWER-CAR1212DCBXXZ01A Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
More results

Podobny opis - CAR1212DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2548DC LINEAGEPOWER-CAR2548DC Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
logo
Power-One
SFP450-12BG POWER-ONE-SFP450-12BG Datasheet
823Kb / 9P
   AC-DC Front-End 12V Output, 450 Watts
SFP650-12BG POWER-ONE-SFP650-12BG Datasheet
441Kb / 9P
   AC-DC Front-End 12V Output, 650 Watts
SFP650-12BG POWER-ONE-SFP650-12BG_09 Datasheet
384Kb / 10P
   AC-DC Front-End 12V Output, 650 Watts
logo
Artesyn Technologies
LCM600Q-A ARTESYN-LCM600Q-A Datasheet
1Mb / 7P
   600 Watt Bulk Front End
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com