Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM19 Arkusz danych(PDF) 1 Page - Weitron Technology

Numer części SM19
Szczegółowy opis  Surface Mount Schottky Power Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEITRON [Weitron Technology]
Strona internetowa  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SM19 Arkusz danych(HTML) 1 Page - Weitron Technology

  SM19 Datasheet HTML 1Page - Weitron Technology SM19 Datasheet HTML 2Page - Weitron Technology SM19 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.weitron.com.tw
WEITRON
SM17 thru SM19
SMA(DO-214AC)
SMA Outline Dimension
Unit:mm
SMA
Dim
Min
Max
A
B
C
D
E
G
H
J
2.20
4.00
1.27
0.15
4.48
0.10
0.76
1.70
2.92
4.60
1.63
0.31
5.59
0.20
1.52
2.62
A
B
C
D
J
G
H
E
SCHOTTKY BARRIER
RECTIFIERS
1.0 AMPERES
20-40 VOLTS
*Low Forward Voltage
*Low Switching Noise
*High Surge Capacity
*Guarantee Reverse Avalance
*Gurad-ing for Stress Protection
*Low Power Loss & High Efficiency
*125 C Operating Junction Temperature
Product Description:
Feature:
Surface Mount Schottky Power Rectifiers
*Low Stored Charge Majority Carrier Conduction
*Case: Epoxy, Molded
Using the Schottky Barrier principle with a Molybdenum barrier metal.
These state-of-are geometry features epitaxial construction with oxide
passivation and metal overlay contact. Ideally suited for low voltage,
high frequency rectification, or as free wheeling and polarity protection
diodes, in surface mount applications where compact size and weight
are critical to the system.
Lead(Pb)-Free
P b
1/3
Rev.A 23-Apr-08


Podobny numer części - SM19

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
SM19 MOSPEC-SM19 Datasheet
230Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-40V)
logo
Weitron Technology
SM19 WEITRON-SM19 Datasheet
145Kb / 3P
   Surface Mount Schottky Power Rectifiers
logo
UNIOHM CORPORATION
SM190A UNIOHM-SM190A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
SM190A TAYCHIPST-SM190A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM190M UNIOHM-SM190M Datasheet
65Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SM19

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
SM17 WEITRON-SM17 Datasheet
145Kb / 3P
   Surface Mount Schottky Power Rectifiers
logo
Diotec Semiconductor
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SM5817 DIOTEC-SM5817 Datasheet
169Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Guangdong Juxing Electr...
SS52_DO-214AB JUXING-SS52_DO-214AB Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
SS22F JUXING-SS22F Datasheet
653Kb / 3P
   Surface Mount Schottky Rectifiers
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Luguang Electr...
LGL341-20 LUGUANG-LGL341-20 Datasheet
420Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS52F YIXIN-SS52F Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com