Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC7527E Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LC7527E
Szczegółowy opis  Graphic Equalizer System
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7527E Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LC7527E Datasheet HTML 1Page - Sanyo Semicon Device LC7527E Datasheet HTML 2Page - Sanyo Semicon Device LC7527E Datasheet HTML 3Page - Sanyo Semicon Device LC7527E Datasheet HTML 4Page - Sanyo Semicon Device LC7527E Datasheet HTML 5Page - Sanyo Semicon Device LC7527E Datasheet HTML 6Page - Sanyo Semicon Device LC7527E Datasheet HTML 7Page - Sanyo Semicon Device LC7527E Datasheet HTML 8Page - Sanyo Semicon Device LC7527E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
No. 4466-2/11
LC7527E
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD-VEE max
AVDD, AVEE, DVDD, DVEE*
12
V
VIN max1
CL, DI, CE
VSS – 0.3 to VDD + 0.3
V
Maximum input voltage
VIN max2
LIN1, LIN2, RIN1, RIN2
VEE – 0.3 to VDD + 0.3
V
VIN max3
S1
VEE – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 85°C
280
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–50 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Note: * –6 V
≤ V
EE ≤ VSS ≤ VDD
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD
AVDD, DVDD
5
V
Supply voltage
VEE
AVEE, DVEE
–5
V
VDD-VEE
AVDD, AVEE, DVDD, DVEE
8.0
11.0
V
Input high level voltage
VIH
CL, DI, CE
3.0
VDD
V
Input low level voltage
VIL
CL, DI, CE
VSS
1.0
V
Input amplitude voltage
VIN1
LIN1, LIN2, RIN1, RIN2
VEE
VDD
Vp-p
VIN2
S1
VEE
VDD
V
Clock pulse width
tøW
CL
1
µs
Setup time
tsetup
CL, DI, CE
1
µs
Hold time
tHOLD
CL, DI, CE
1
µs
Operating frequency
fopg
CL
500
kHz
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
THD (1)
VOUT = 1 Vrms, FLAT, f = 20 kHz
0.01
0.05
%
THD (2)
VOUT = 1 Vrms, FLAT, f = 1 kHz
0.001
0.005
%
Total harmonic distortion
THD (3)
VOUT = 300 mVrms, FLAT, f = 20 kHz
0.042
0.2
%
with all bands at full boost
THD (4)
VOUT = 300 mVrms, FLAT, f = 1 kHz
0.045
0.2
%
with all bands at full boost
Crosstalk
CT
VOUT = 1 Vrms, f = 20 kHz, FLAT, Rg = 1 kΩ
58
dB
Setting error
∆B
with other bands flat
–2
+2
dB
Current drain
IDD
VDD-VEE = 11 V
30
mA
Analog switch off leakage current
IOFF
LIN1, LIN2, RIN1, RIN2
10
µA
Electrical Characteristics at Ta = 25°C, VDD = 5 V, VEE = –5 V, VSS = 0 V


Podobny numer części - LC7527E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7520 SANYO-LC7520 Datasheet
244Kb / 2P
   GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO, MUSIC CENTER USE
LC7522 SANYO-LC7522 Datasheet
329Kb / 5P
   ELECTORONIC VOLUME CONTROL FOR GRAPHIC EQUALIZER
LC75281 SANYO-LC75281 Datasheet
176Kb / 10P
   Parametric Equalizer System
LC75281E SANYO-LC75281E Datasheet
176Kb / 10P
   Parametric Equalizer System
More results

Podobny opis - LC7527E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
   GRAPHIC EQUALIZER
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
   5 BAND GRAPHIC EQUALIZER
logo
Rohm
BA3812L ROHM-BA3812L Datasheet
90Kb / 6P
   5-channel graphic equalizer
logo
rfsolutions.ltd
SG4 RFSOLUTIONS-SG4 Datasheet
694Kb / 2P
   10 Band Graphic Equalizer
logo
Sanyo Semicon Device
LA3607 SANYO-LA3607 Datasheet
194Kb / 6P
   7-Band Graphic Equalizer?
logo
Sanken electric
STK6328A SANKEN-STK6328A Datasheet
135Kb / 1P
   2-CHANNEL GRAPHIC EQUALIZER
logo
Mixed Signal Integratio...
MSGEQ7 MSI-MSGEQ7 Datasheet
187Kb / 4P
   Seven Band Graphic Equalizer
logo
Toshiba Semiconductor
TA7796P TOSHIBA-TA7796P Datasheet
338Kb / 8P
   5 BAND GRAPHIC EQUALIZER
logo
Sanyo Semicon Device
LA3600 SANYO-LA3600 Datasheet
169Kb / 6P
   5-Band Graphic Equalizer
LA3605 SANYO-LA3605 Datasheet
272Kb / 6P
   7 BAND GRAPHIC EQUALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com