Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75342 Arkusz danych(PDF) 11 Page - Sanyo Semicon Device

Numer części LC75342
Szczegółowy opis  Single-Chip Volume and Tone Control System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75342 Arkusz danych(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75342 Datasheet HTML 7Page - Sanyo Semicon Device LC75342 Datasheet HTML 8Page - Sanyo Semicon Device LC75342 Datasheet HTML 9Page - Sanyo Semicon Device LC75342 Datasheet HTML 10Page - Sanyo Semicon Device LC75342 Datasheet HTML 11Page - Sanyo Semicon Device LC75342 Datasheet HTML 12Page - Sanyo Semicon Device LC75342 Datasheet HTML 13Page - Sanyo Semicon Device LC75342 Datasheet HTML 14Page - Sanyo Semicon Device LC75342 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
No. 6271-11/20
LC75342, 75342M
Pin No.
Pin
Description
Notes
• Connection to the 0.5
× VDD voltage generator circuit used as the
analog signal ground.
Applications must connect a capacitor of about 10 µF between this pin
and VSS to exclude power supply ripple.
28
Vref
• Chip enable
Data is written to the internal latch when this pin goes from high to low.
The internal analog switches operate at this point. Data transfer is
enabled when this pin is high.
2CE
• Serial data and clock inputs used for IC control.
1
30
DI
CL
• Ground
3
VSS
• Power supply
29
VDD
Continued from preceding page.
• Electronic volume and tone control testing
This pin must be tied to VSS during normal operation.
4
VSS
• Unused.
These pins must be left open or connected to VSS during normal
operation.
15
16
27
NC


Podobny numer części - LC75342

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341M SANYO-LC75341M Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75343 SANYO-LC75343 Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75344M SANYO-LC75344M Datasheet
529Kb / 11P
   2 CHANNEL VOLUME SYSTEM
More results

Podobny opis - LC75342

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
   Single Chip Electronic Volume and Tone Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
   Single-Chip Electronic Volume and Tone Control System
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com