Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75374E Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LC75374E
Szczegółowy opis  Electronic Volume and Tone Control for Car Stereos
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75374E Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

Back Button LC75374E Datasheet HTML 2Page - Sanyo Semicon Device LC75374E Datasheet HTML 3Page - Sanyo Semicon Device LC75374E Datasheet HTML 4Page - Sanyo Semicon Device LC75374E Datasheet HTML 5Page - Sanyo Semicon Device LC75374E Datasheet HTML 6Page - Sanyo Semicon Device LC75374E Datasheet HTML 7Page - Sanyo Semicon Device LC75374E Datasheet HTML 8Page - Sanyo Semicon Device LC75374E Datasheet HTML 9Page - Sanyo Semicon Device LC75374E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
No. 5835-6/17
LC75374E
Pin Functions
Pin No.
Pin
Description
Notes
• Supply voltage generator (0.525
× VDD) used for the analog ground. A
capacitor must be connected between Vref and VSS to remove power
supply ripple.
19
Vref
• Fader outputs. The front and rear outputs can be attenuated
independently.
20
21
14
13
LROUT
LFOUT
RROUT
RFOUT
• Fader inputs
• These inputs must be driven by low-impedance circuits.
22
12
LFIN
RFIN
• Left channel super bass compensation capacitor connection
• Left channel super bass output and compensation capacitor connection
• Right channel super bass compensation capacitor connection
• Right channel super bass output and compensation capacitor
connection
24
23
10
11
LSB1
LSB2
RSB1
RSB2
• Super bass input
• These inputs must be driven by low-impedance circuits.
22
7
LSIN
RSIN
• Tone control outputs
28
6
LTOUT
RTOUT
Continued on next page.


Podobny numer części - LC75374E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7537 SANYO-LC7537 Datasheet
718Kb / 21P
   Electronic Volume Control for Car Stereo Systems
LC7537 SANYO-LC7537 Datasheet
284Kb / 11P
   Electronic Volume Control System for Audio Equipment
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75372E SANYO-LC75372E Datasheet
481Kb / 18P
   Electronic Volume Control for Car Stereo Systems
LC75373E SANYO-LC75373E Datasheet
718Kb / 21P
   Electronic Volume Control for Car Stereo Systems
More results

Podobny opis - LC75374E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75386NE SANYO-LC75386NE Datasheet
320Kb / 20P
   Electronic Volume and Tone Control for Car Stereo Systems
LC75373E SANYO-LC75373E Datasheet
718Kb / 21P
   Electronic Volume Control for Car Stereo Systems
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC7538JM SANYO-LC7538JM Datasheet
283Kb / 13P
   Electronic Volume Control System for Car Audio ?
LC75372E SANYO-LC75372E Datasheet
481Kb / 18P
   Electronic Volume Control for Car Stereo Systems
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
   Single Chip Electronic Volume and Tone Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
   Single-Chip Electronic Volume and Tone Control System
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
   6ch Electronic Volume with Tone Control
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com